Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95231 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95231 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM95231 Datasheet HTML 9Page - National Semiconductor (TI) LM95231 Datasheet HTML 10Page - National Semiconductor (TI) LM95231 Datasheet HTML 11Page - National Semiconductor (TI) LM95231 Datasheet HTML 12Page - National Semiconductor (TI) LM95231 Datasheet HTML 13Page - National Semiconductor (TI) LM95231 Datasheet HTML 14Page - National Semiconductor (TI) LM95231 Datasheet HTML 15Page - National Semiconductor (TI) LM95231 Datasheet HTML 16Page - National Semiconductor (TI) LM95231 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1.0 Functional Description (Continued)
1.8 SERIAL INTERFACE RESET
In the event that the SMBus Master is RESET while the
LM95231 is transmitting on the SMBDAT line, the LM95231
must be returned to a known state in the communication
protocol. This may be done in one of two ways:
1.
When SMBDAT is LOW, the LM95231 SMBus state
machine resets to the SMBus idle state if either SMB-
DAT or SMBCLK are held low for more than 35ms
(t
TIMEOUT). Note that according to SMBus specification
2.0 all devices are to timeout when either the SMBCLK
or SMBDAT lines are held low for 25-35ms. Therefore, to
insure a timeout of all devices on the bus the SMBCLK
or SMBDAT lines must be held low for at least 35ms.
2.
When SMBDAT is HIGH, have the master initiate an
SMBus start. The LM95231 will respond properly to an
SMBus start condition at any point during the communi-
cation. After the start the LM95231 will expect an SMBus
Address address byte.
1.9 ONE-SHOT CONVERSION
The One-Shot register is used to initiate a single conversion
and comparison cycle when the device is in standby mode,
after which the device returns to standby. This is not a data
register and it is the write operation that causes the one-shot
conversion. The data written to this address is irrelevant and
is not stored. A zero will always be read from this register.
2.0 LM95231 Registers
Command register selects which registers will be read from or written to. Data for this register should be transmitted during the
Command Byte of the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
Command
P0-P7: Command
Register Summary
Name
Command
(Hex)
Power-On
Default Value
(Hex)
Read/Write
# of used
bits
Comments
Status Register
02h
-
RO
5
4 status bits and 1 busy bit
Configuration Register
03h
00h
R/W
5
Includes conversion rate
control
Remote Diode Filter Control
06h
05h
R/W
2
Controls thermal diode filter
setting
Remote Diode Model Type
Select
30h
01h
R/W
2
Selects the 2N3904 or
Pentium 4 processor on 90nm
process thermal diode model
Remote Diode TruTherm
Mode Control
07h
01h
8
Enables or disables TruTherm
technology for Remote Diode
measurements
1-shot
0Fh
-
WO
-
Activates one conversion for
all 3 channels if the chip is in
standby mode (i.e.
RUN/STOP bit = 1). Data
transmitted by the host is
ignored by the LM95231.
Local Temperature MSB
10h
-
RO
8
Remote Temperature 1 MSB
11h
-
RO
8
Remote Temperature 2 MSB
12h
-
RO
8
Local Temperature LSB
20h
-
RO
2
All unused bits will report zero
Remote Temperature 1 LSB
21h
-
RO
3/5
All unused bits will report zero
Remote Temperature 2 LSB
22h
-
RO
3/5
All unused bits will report zero
Manufacturer ID
FEh
01h
RO
Revision ID
FFh
A1h
RO
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com