Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCI474R24 Datasheet(PDF) 4 Page - Weidmuller

Part # RCI474R24
Description  RIDERSERIES RCI RCI424AC4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

RCI474R24 Datasheet(HTML) 4 Page - Weidmuller

  RCI474R24 Datasheet HTML 1Page - Weidmuller RCI474R24 Datasheet HTML 2Page - Weidmuller RCI474R24 Datasheet HTML 3Page - Weidmuller RCI474R24 Datasheet HTML 4Page - Weidmuller RCI474R24 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
 
RIDERSERIES RCI
RCI424AC4
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Drawings
 
 
Creation date January 10, 2019 2:13:27 PM CET
 
Catalogue status 10.01.2019 / We reserve the right to make technical changes.
4
Wiring diagram
View of Pins from below
Graph
DC load limit curve
Resistive load
Graph
DC operational voltage range
Graph
Electrical service life
250 V AC resistive load
Graph
Derating curve
Relay in combination with base
Dimensional drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com