Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223BRMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8223BRMZ-R7
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223BRMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8223BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8223BRMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8223
Preliminary Technical Data
Rev.
PrA | Page 10 of 20
70
–30
100
1M
FREQUENCY (Hz)
1k
10k
100k
60
50
40
30
20
10
0
–10
–20
G = 1000
G = 100
G = 10
G = 5
Figure 14. Gain vs. Frequency
6
–6
–6
6
OUTPUT (V)
5
4
3
2
1
0
–1
–2
–3
–4
–5
–5
–4
–3
–2
–1
01234
5
VS = ±5V
VS = ±2.5V
VS = +5V
Figure 15. Common-Mode Input vs. Maximum Output Voltage,
G = 5, Small Supplies
16
–14
–14
16
OUTPUT (V)
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–12 –10 –8 –6 –4 –2
02468
10 12 14
VS = ±12V
+VS = +15V, –VS = –5V
Figure 16. Common-Mode Input vs. Maximum Output Voltage,
G = 5, Large Supplies
6
–6
–6
6
OUTPUT (V)
5
4
3
2
1
0
–1
–2
–3
–4
–5
–5
–4
–3
–2
–1
0
1
2
3
4
5
VS = ±2.5V
VS = +5V
VS = ±5V
Figure 17. Common-Mode Input vs. Maximum Output Voltage,
G = 100, Small Supplies
16
–14
–14
18
OUTPUT (V)
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–12 –10 –8 –6 –4 –2
0
2
4
6
8
10 12 14 16
VS = ±12V
+VS = +15V, –VS = –5V
Figure 18. Common-Mode Input vs. Maximum Output Voltage,
G = 100, Large Supplies
140
0
1
100k
FREQUENCY (Hz)
10
100
1k
10k
120
100
80
60
40
20
G = 1000
G = 10
G = 5
G = 100
Figure 19. Positive PSRR vs. Frequency, VS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com