Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8534ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8534ARZ
Description  Low Cost, 250 mA Output, Single-Supply Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8534ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8534ARZ Datasheet HTML 1Page - Analog Devices AD8534ARZ Datasheet HTML 2Page - Analog Devices AD8534ARZ Datasheet HTML 3Page - Analog Devices AD8534ARZ Datasheet HTML 4Page - Analog Devices AD8534ARZ Datasheet HTML 5Page - Analog Devices AD8534ARZ Datasheet HTML 6Page - Analog Devices AD8534ARZ Datasheet HTML 7Page - Analog Devices AD8534ARZ Datasheet HTML 8Page - Analog Devices AD8534ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 3.0 V, VCM = 1.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
25
mV
−40°C ≤ TA ≤ +85°C
30
mV
Input Bias Current
IB
5
50
pA
−40°C ≤ TA ≤ +85°C
60
pA
Input Offset Current
IOS
1
25
pA
−40°C ≤ TA ≤ +85°C
30
pA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 3 V
38
45
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 2.5 V
25
V/mV
Offset Voltage Drift
ΔVOS/ΔT
20
μV/°C
Bias Current Drift
ΔIB/ΔT
50
fA/°C
Offset Current Drift
ΔIOS/ΔT
20
fA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 10 mA
2.85
2.92
V
−40°C ≤ TA ≤ +85°C
2.8
V
Output Voltage Low
VOL
IL = 10 mA
60
100
mV
−40°C ≤ TA ≤ +85°C
125
mV
Output Current
IOUT
±250
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
60
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 3 V to 6 V
45
55
dB
Supply Current/Amplifier
ISY
VO = 0 V
0.70
1
mA
−40°C ≤ TA ≤ +85°C
1.25
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.5
V/μs
Settling Time
tS
To 0.01%
1.6
μs
Gain Bandwidth Product
GBP
2.2
MHz
Phase Margin
фo
70
Degrees
Channel Separation
CS
f = 1 kHz, RL = 2 kΩ
65
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
45
nV/√Hz
f = 10 kHz
30
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com