Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILT2S-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # ILT2S-C
Description  Belt-Ty™ In-Line Cable Ties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ILT2S-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  ILT2S-C Datasheet HTML 1Page - PANDUIT CORP. ILT2S-C Datasheet HTML 2Page - PANDUIT CORP. ILT2S-C Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Low profile head design prevents protrusion of cut-off tie and reduces overall
bundle size
• Fully rounded edges on head and strap so no sharp edges come in contact with cable
insulation jacket
• Parallel-entry design that threads like a belt (180° entry)
• "Finger grip" shaped head assures positive grip during threading of tie
• Choice of two materials: Natural Nylon 6.6 and Weather Resistant Nylon 6.6
• All cable tie cross sections smaller than Light-Heavy have a curved tip that is easier
to pick up from flat surfaces, allows faster initial threading and speeds installation
Part Number:
ILT2S-C
Product Family:
Belt-Ty™ In-Line Cable Ties
Product Line:
IN-LINE Cable Ties
RoHS Compliancy Status:
Compliant
Part Description:
Cable Tie, Parallel-entry, 8.3" Standard cross
section
Product Type:
Cable Ties
Material:
Nylon 6.6
Color:
Natural
CSA Certified:
Yes


Similar Part No. - ILT2S-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ILT2S-M PANDUIT-ILT2S-M Datasheet
92Kb / 3P
BELT-TY INLINE-TIE CABLE TIESILT SERIES
More results

Similar Description - ILT2S-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT21 PANDUIT-HLT21 Datasheet
57Kb / 1P
TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
logo
PANDUIT CORP.
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT4H-TL76 PANDUIT-PLT4H-TL76 Datasheet
50Kb / 1P
PAN-TY CABLE TIES PLT ELEVATED TEMPERATURE SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com