Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # DB-C
Description  Panduct® Type TNC – Low-Smoke, Halogen-Free, Slotted Wall Wiring Duct
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DB-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  DB-C Datasheet HTML 1Page - PANDUIT CORP. DB-C Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wide-finger/
Provides greater sidewall rigidity and allows use with a wide range
slot design
of wire and bundle sizes
Flush cover design
Base sidewall is even with cover for superior aesthetics and
greater wiring capacity when compared to non-flush cover
wiring duct
Non-slip cover liner
Halogen-free liner ensures that the cover does not slide during
shipment, vibration, and when in a vertical orientation, eliminating
rework and repositioning
Base and finger
Score lines allow for easy breakouts, saving installation time, when
score lines
compared to other halogen-free duct
Low-smoke,
Used to create multiple channels within a single duct to separate
halogen-free
cabling types (power communication/signal); installed with DB-C
divider wall
mounting discs
www.panduit.com
Low-smoke,
Non-toxic, lead-free, and environmentally safe; will not exhibit a high
halogen-free material:
rate of smoke generation or release toxic, corrosive gases in the
event of a fire that could endanger public safety or damage sensitive
electronics in enclosed environments (passenger rail, oil and
gas platforms)
UL94 V-0 material
Self-extinguishing and provides a greater flame resistance when
flame rating:
compared to other halogen-free wiring duct, enabling its use in more
electrical applications
Temperature range:
Continuous use up to a maximum of 105°C (221°F)4; shipping,
handling, and installation to -70°C (-94°F)
Rail standard
NFPA 1301
compliance/rating:
DIN 5510-23
BSS 72395
AFNOR NF F 16 101 and NF F 16 1026
UNIFER EN UNI 11925-2 (EN ISO 11925-2)7
Compliance:
RoHS REACH compliant; UL recognized.
key features and benefits
technical information
specifications
Type TNC wiring duct shall be a flush cover, slotted wiring
duct and be made from low-smoke and halogen-free (LSHF)
material that meets the regulatory requirements of the mass
transit industry and other regulated environments. The
low-smoke and halogen-free material will have a UL
flammability rating of UL94 V-0 and will meet the National Fire
Protection Association Standard NFPA 1301 and Federal Rail
Administration Guidelines2 for rail transit vehicles. Type TNC
wiring duct shall be compliant with DIN 5510-23 preventative
fire protection in railway vehicles, with S-4 burning class,
SR-2 smoke class, and ST-2 dripping class ratings.
Panduct ® Type TNC – Low-Smoke,
Halogen-Free, Slotted Wall Wiring Duct
TNC Wiring Duct (Base and Cover)
Size – mm (in.)
25.0 (1.00) x 37.0 (1.50):
TNC25X37LG2
25.0 (1.00) x 75.0 (3.00):
TNC25X75LG2
37.0 (1.50) x 37.0 (1.50):
TNC37X37LG2
37.0 (1.50) x 75.0 (3.00):
TNC37X75LG2
50.0 (2.00) x 50.0 (2.00):
TNC50X50LG2
75.0 (3.00) x 75.0 (3.00):
TNC75X75LG2
100.0 (4.00) x 50.0 (2.00)
TNC100X50LG2
100.0 (4.00) x 75.0 (3.00):
TNC100X75LG2
Replacement Covers
Size – mm (in.)
25.0 (1.00):
TNC25LG2
37.0 (1.50):
TNC37LG2
50.0 (2.00):
TNC50LG2
50.0 (2.00):
TNC75LG2
100.0 (4.00):
TNC100LG2
Divider Wall
LSHF 50mm (2")
solid divider wall:
TNC50D2
LSHF 75mm (3")
solid divider wall:
TNC75D2
Divider wall
mounting disc:
DB-C
Tools and Accessories
Duct cutting tool:
DCT
Notching tool:
DNT-100
Nylon rivet
installation tool:
TNR
Nylon rivet:
NR1
Duct finger
cutting tool:
DFCT
SPECIFICA TION SHEET
applications
Type TNC wiring duct routes, protects, and
manages electrical and communication cabling
in control panels and wire routing applications
that require enhanced material performance
for fire safety (flame, smoke, and toxicity) such
as in light rail and transit systems, commuter
buses, data centers, offshore oil and gas
platforms, and other environments.
1NFPA 130 Standard for Fixed Guideway Transit and Passenger Rail Systems, 2000 edition.
2Per Code of Federal Regulation 49 C.F.R. Part 223, 238.
3German Standard DIN 5510-2; DIN 54837 (test method)
4Maximum temperature based on material Heat Deflection Temperature (HDT) data.
5Boeing Standard 7239 -- test method for toxic gas generation by materials on combustion.
6
French Standard AFNOR NF F 16 101 Railway Rolling Stock Fire Behaviour and Choice of Materials, NF F 16 102 Railway Rolling Stock Fire
Behaviour: Material choosing, application for electric system.
7
UNIFER Italian Railway Standard EN UNI 11925-2 (EN ISO 11925-2)


Similar Part No. - DB-C

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DB-C4-J11-F JAE-DB-C4-J11-F Datasheet
146Kb / 1P
CONN D SUB METAL HOOD B SHELL
DB-C4-J11-F1 JAE-DB-C4-J11-F1 Datasheet
146Kb / 1P
CONN D SUB METAL HOOD B SHELL
DB-C4-J11-F6 JAE-DB-C4-J11-F6 Datasheet
146Kb / 1P
CONN D SUB METAL HOOD B SHELL
DB-C8-J10-F2-1R JAE-DB-C8-J10-F2-1R Datasheet
45Kb / 4P
D-Sub Connector, Junction shell (Plastic divided type, Straight clamp, Short screw #4-40UNC), DB
DB-C8-J10-F4-1R JAE-DB-C8-J10-F4-1R Datasheet
112Kb / 1P
DSUB JUNCTION SHELL
More results

Similar Description - DB-C

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
Intelligent Duct Smoke Detector
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
Duct Smoke Detector Accessories
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
logo
Richco, Inc.
SRWD-0820 RICHCO-SRWD-0820 Datasheet
79Kb / 1P
SLOTTED RICHCO WIRING DUCT
logo
SHIELD s.r.l.
MA-HK SHIELD-MA-HK Datasheet
87Kb / 1P
CABLES - CAVI, No toxic, low smoke, halogen free
MB-HK SHIELD-MB-HK Datasheet
87Kb / 1P
CABLES - CAVI, No toxic, low smoke, halogen free
logo
PANDUIT CORP.
SD2EMI PANDUIT-SD2EMI Datasheet
444Kb / 1P
Panduct® PanelMax™ Shielded Wiring Duct
2011
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
DUCT SMOKE DETECTOR
01/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com