Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8092ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8092ARMZ
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8092ARMZ Datasheet HTML 4Page - Analog Devices AD8092ARMZ Datasheet HTML 5Page - Analog Devices AD8092ARMZ Datasheet HTML 6Page - Analog Devices AD8092ARMZ Datasheet HTML 7Page - Analog Devices AD8092ARMZ Datasheet HTML 8Page - Analog Devices AD8092ARMZ Datasheet HTML 9Page - Analog Devices AD8092ARMZ Datasheet HTML 10Page - Analog Devices AD8092ARMZ Datasheet HTML 11Page - Analog Devices AD8092ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8091/AD8092
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
3
–7
–6
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
500
FREQUENCY (MHz)
VS = 5V
GAIN AS SHOWN
RF AS SHOWN
RL = 2kΩ
VO = 0.2V p-p
G = +1
RF = 0Ω
G = +5
RF = 2kΩ
G = +2
RF = 2kΩ
G = +10
RF = 2kΩ
Figure 5. Normalized Gain vs. Frequency; VS = +5 V
3
–7
–6
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
500
FREQUENCY (MHz)
VS AS SHOWN
G = +1
RL = 2kΩ
VO = 0.2V p-p
VS = +3V
VS = +5V
VS = ±5V
Figure 6. Gain vs. Frequency vs. Supply
3
–7
–6
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
500
FREQUENCY (MHz)
VS = 5V
G = +1
RL = 2kΩ
VO = 0.2V p-p
TEMPERATURE AS SHOWN
–40°C
+85°C
+25°C
Figure 7. Gain vs. Frequency vs. Temperature
6.3
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
G = +2
RL = 150kΩ
RF = 806Ω
VO = 0.2V p-p
Figure 8. 0.1 dB Gain Flatness vs. Frequency; G = +2
9
–1
0
1
2
3
4
5
6
7
8
0.1
1
10
100
500
FREQUENCY (MHz)
VS AS SHOWN
G = +2
RL = 2kΩ
RF = 2kΩ
VO AS SHOWN
VS = +5V
VO = 2V p-p
VS = ±5V
VO = 4V p-p
Figure 9. Large Signal Frequency Response; G = +2
70
–20
–10
0
10
–180
–135
–90
–45
0
20
30
40
50
60
0.1
1
10
100
500
FREQUENCY (MHz)
PHASE
GAIN
50° PHASE
MARGIN
VS = 5V
RL = 2kΩ
Figure 10. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com