Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1059CS Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1059CS
Description  High Performance Switched Capacitor Universal Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1059CS Datasheet(HTML) 2 Page - Analog Devices

  LTC1059CS Datasheet HTML 1Page - Analog Devices LTC1059CS Datasheet HTML 2Page - Analog Devices LTC1059CS Datasheet HTML 3Page - Analog Devices LTC1059CS Datasheet HTML 4Page - Analog Devices LTC1059CS Datasheet HTML 5Page - Analog Devices LTC1059CS Datasheet HTML 6Page - Analog Devices LTC1059CS Datasheet HTML 7Page - Analog Devices LTC1059CS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1059
2
1059fd
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
BP
N/AP/HP
INV1
S1
SA
V+
LSh
LP
V02
INV2
AGND
V–
50/100/HOLD
CLK
S PACKAGE
14-LEAD PLASTIC SO
Supply Voltage ........................................................ 18V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1059C ................................... –40°C ≤ TA ≤ 85°C
LTC1059AM, LTC1059M ........... –55°C ≤ TA ≤ 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
TJMAX = 110°C, θJA = 130°C/W (N)
LTC1059CN
LTC1059CS
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
J PACKAGE
14-LEAD CERDIP
TJMAX = 150°C, θJA = 80°C/W
LTC1059ACJ
LTC1059AMJ
LTC1059CJ
LTC1059MJ
OBSOLETE PACKAGE
Consider the N or S Package for Alternate Source
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TJMAX = 110°C, θJA = 110°C/W (S)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range, f0
f0 • Q ≤ 400kHz, Mode 1
0.1 - 40k
Hz
f0 • Q ≤ 1.6MHz, Mode 1
0.1 - 18k
Hz
f0 • Q ≤ 250kHz, Mode 3, VS = ±7.5V
0.1 - 20k
Hz
f0 • Q ≤ 1MHz, Mode 3, VS = ±7.5V
0.1 - 16k
Hz
Input Frequency Range
0 - 200k
Hz
Clock-to-Center Frequency Ratio
Mode 1, 50:1, fCLK = 250kHz, Q = 10
●
50 ± 0.8%
Mode 1, 100:1, fCLK = 500kHz, Q = 10
●
100 ± 0.8%
Q Accuracy
Mode 1, 50:1 or 100:1, f0 = 5kHz
Q = 10
●
±0.5
5
%
f0 Temperature Coefficient
Mode 1, fCLK < 500kHz
5
ppm/°C
Q Temperature Coefficient
Mode 1, fCLK < 500kHz, Q = 10
15
ppm/°C
DC Offset
VOS1
●
215
mV
VOS2
fCLK = 250kHz, 50:1, SA High (N Package)
●
330
mV
VOS2
fCLK = 250kHz, 50:1, SA High (S Package)
●
340
mV
VOS2
fCLK = 500kHz, 100:1, SA High (N Package)
●
660
mV
VOS2
fCLK = 500kHz, 100:1, SA High (S Package)
●
680
mV
VOS2
fCLK = 250kHz, 50:1, SA Low (N Package)
●
220
mV
VOS2
fCLK = 250kHz, 50:1, SA Low (S Package)
●
230
mV
VOS2
fCLK = 500kHz, 100:1, SA Low (N Package)
●
440
mV
VOS2
fCLK = 500kHz, 100:1, SA Low (S Package)
●
460
mV
VOS3
fCLK = 250kHz, 50:1 (N Package)
●
220
mV
VOS3
fCLK = 250kHz, 50:1 (S Package)
●
230
mV
VOS3
fCLK = 500kHz, 100:1 (N Package)
●
440
mV
VOS3
fCLK = 500kHz, 100:1 (S Package)
●
460
mV
(Complete Filter) VS = ±5V, T2L clock input level unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com