Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060CSW Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1060CSW Datasheet(HTML) 2 Page - Analog Devices

  LTC1060CSW Datasheet HTML 1Page - Analog Devices LTC1060CSW Datasheet HTML 2Page - Analog Devices LTC1060CSW Datasheet HTML 3Page - Analog Devices LTC1060CSW Datasheet HTML 4Page - Analog Devices LTC1060CSW Datasheet HTML 5Page - Analog Devices LTC1060CSW Datasheet HTML 6Page - Analog Devices LTC1060CSW Datasheet HTML 7Page - Analog Devices LTC1060CSW Datasheet HTML 8Page - Analog Devices LTC1060CSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1060
1060fb
ORDER PART
NUMBER
LTC1060ACN
LTC1060CN
LTC1060CSW
LTC1060ACJ
LTC1060MJ
LTC1060AMJ
LTC1060CJ
TOP VIEW
J PACKAGE
20-LEAD CERDIP
TJMAX = 150°C, θJA = 70°C/W
TJMAX = 100°C, θJA = 100°C/W (N)
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
11
LPA
BPA
N/AP/HPA
INVA
S1A
SA/B
VA
+
VD
+
LSh
CLKA
LPB
BPB
N/AP/HPB
INVB
S1B
AGND
VA
–
VD
–
50/100/HOLD
CLKB
10
N PACKAGE
20-LEAD PDIP
SW PACKAGE
20-LEAD PLASTIC SO WIDE
TJMAX = 150°C, θJA = 80°C/W (SW)
Supply Voltage ........................................................ 18V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1060AC/LTC1060C ................ – 40°C ≤ TA ≤ 85°C
LTC1060AM/LTC1060M ............ – 55°C ≤ TA ≤ 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
OBSOLETE PACKAGE
Consider the N20 and SW20 Package for Alternate Source
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Complete Filter) Vs = ± 5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range
f0 • Q ≤ 400kHz, Mode 1, Figure 4
0.1 to 20k
Hz
(See Applications Information)
f0 • Q ≤ 1.6MHz, Mode 1, Figure 4
0.1 to 16k
Hz
Clock-to-Center Frequency Ratio
LTC1060A
Mode 1, 50:1, fCLK = 250kHz, Q = 10
●
50 ± 0.3%
LTC1060
Mode 1, 50:1, fCLK = 250kHz, Q = 10
●
50 ± 0.8%
LTC1060A
Mode 1, 100:1, fCLK = 500kHz, Q = 10
●
100 ± 0.3%
LTC1060
Mode 1, 100:1, fCLK = 500kHz, Q = 10
●
100 ± 0.8%
Q Accuracy
LTC1060A
Mode 1, 50:1 or 100:1, f0 = 5kHz, Q=10
●
±0.5
3
%
LTC1060
Mode 1, 50:1 or 100:1, f0 = 5kHz, Q=10
●
±0.5
5
%
f0 Temperature Coefficient
Mode 1, fCLK < 500kHz
–10
ppm/°c
Q Temperature Coefficient
Mode 1, fCLK < 500kHz, Q = 10
20
ppm/°c
DC Offset VOS1
●
215
mV
VOS2
fCLK = 250kHz, 50:1, SA/B = High
●
340
mV
VOS2
fCLK = 500kHz, 100:1, SA/B = High
●
680
mV
VOS2
fCLK = 250kHz, 50:1, SA/B = Low
●
230
mV
VOS2
fCLK = 500kHz, 100:1, SA/B = Low
●
460
mV
VOS3
fCLK = 250kHz, 50:1, SA/B = Low
●
230
mV
VOS3
fCLK = 500kHz, 100:1, SA/B = Low
●
460
mV
DC Lowpass Gain Accuracy
Mode 1, R1 = R2 = 50k
±0.1
2
%
BP Gain Accuracy at f0
Mode 1, Q = 10, f0 = 5kHz
±0.1
%
Clock Feedthrough
fCLK ≤ 1MHz
10
mV(P-P)
Max Clock Frequency
1.5
MHz
Power Supply Current
3
5
8
mA
●
12
mA
Crosstalk
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com