Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S3F
Description  Very Fast Acting Thin Film Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S3F Datasheet(HTML) 2 Page - Vishay Siliconix

  S3F Datasheet HTML 1Page - Vishay Siliconix S3F Datasheet HTML 2Page - Vishay Siliconix S3F Datasheet HTML 3Page - Vishay Siliconix S3F Datasheet HTML 4Page - Vishay Siliconix S3F Datasheet HTML 5Page - Vishay Siliconix S3F Datasheet HTML 6Page - Vishay Siliconix S3F Datasheet HTML 7Page - Vishay Siliconix S3F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S3F
www.vishay.com
Vishay Sfernice
Revision: 09-Oct-2025
2
Document Number: 50088
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAND PATTERN DIMENSIONS
Note
(1) Resistance value was measured with less than 10 % of rated current
MECHANICAL SPECIFICATIONS
Substrate
Ceramic
Technology
Thin film
Termination
Cu / Ni plating
SUGGESTED LAND PATTERN DIMENSIONS in millimeters (inches)
TYPE
a
b
c
S3F0402
0.55 to 0.65
(0.022 to 0.026)
1.40 to 1.60
(0.055 to 0.063)
0.74 to 0.94
(0.029 to 0.037)
S3F0603
0.85 to 0.95
(0.033 to 0.037)
2.00 to 2.20
(0.079 to 0.087)
1.50 to 1.70
(0.059 to 0.067)
S3F1206
0.95 to 1.05
(0.037 to 0.041)
4.40 to 5.00
(0.173 to 0.197)
2.30 to 2.50
(0.091 to 0.098)
S3F0402 RATING
PART
DESIGNATION
MARKING
RATED
CURRENT
(A)
FUSING
TIME
RESISTANCE (1) (m
Ω),
TOLERANCE: ± 25 %
RATED
VOLTAGE
BREAKING
CAPACITY
BODY
TEMPERATURE
RISING
S3F040232VA500TT
F
0.50
Open within
5 s at 200 %
rated current
380
32 VDC
32 VDC, 35 A
< 75 °C
at 100 %
rated current
S3F040232VA800TT
K
0.80
120
S3F040232V1A00TT
L
1.00
95
S3F040232V1A25TT
M
1.25
67
S3F040232V1A50TT
P
1.50
51
S3F040232V1A60TT
N
1.60
46
S3F040232V2A00TT
S
2.00
33
S3F040232V2A50TT
T
2.50
22.5
S3F040232V3A00TT
3
3.00
20
S3F040232V3A15TT
U
3.15
19
S3F040232V4A00TT
W
4.00
16
a
b
c



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com