Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1069-1
Description  Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 2 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1064-1
2
10641fa
Total Supply Voltage (V+ to V–) ............................ 16.5V
Power Dissipation .............................................. 400mW
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
LTC1064-1CN
LTC1064-1ACN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERDIP
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
INV C
VIN
AGND
V+
AGND
COMP1
INV A
R(h, l)
COMP2
V–
fCLK
NC
VOUT
NC
Operating Temperature Range
LTC1064-1M (OBSOLETE) ............... – 55°C to 125°C
LTC1064-1C/AC .................................. – 40°C to 85°C
ORDER PART
NUMBER
LTC1064-1CSW
TJMAX = 150°C, θJA = 90°C/W
TJMAX = 110°C, θJA = 70°C/W
LTC1064-1MJ
LTC1064-1CJ
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, fCLK = 1MHz, R1 = 10k, C1 = 10pF, TTL or CMOS clock input
level unless otherwise specified.
OBSOLETE PACKAGE
Consider the N14 Package for Alternate Source
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
INV C
VIN
AGND
V+
AGND
NC
COMP1
INV A
R(h, l)
COMP2
V–
NC
fCLK
NC
NC
VOUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain, LTC1064-1, 1A
Referenced to 0dB, 1Hz to 0.1fC
●
± 0.1
± 0.35
dB
Gain TempCo
0.0002
dB/°C
Passband Edge Frequency, fC
10 ± 1%
kHz
Gain at fC
Referenced to Passband Gain
LTC1064-1
●
–1.25
0.85
dB
LTC1064-1A
●
–0.75
0.65
dB
–3dB Frequency
10.7
kHz
Passband Ripple (Note 1)
0.1fC to 0.85fC Referenced to Passband Gain,
LTC1064-1
Measured at 6.25kHz and 8.5kHz
●
± 0.15
± 0.32
dB
LTC1064-1A
●
± 0.1
± 0.19
dB
Ripple TempCo
0.0004
dB/°C
Stopband Attenuation
At 1.5fC Referenced to 0dB
LTC1064-1
●
66
72
dB
LTC1064-1A
●
68
72
dB
Stopband Attenuation
At 2fC Referenced to 0dB
LTC1064-1
●
67
72
dB
LTC1064-1A
●
68
72
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com