Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6270 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6270
Description  MILLI-ACTUATOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6270 Datasheet(HTML) 2 Page - STMicroelectronics

  L6270 Datasheet HTML 1Page - STMicroelectronics L6270 Datasheet HTML 2Page - STMicroelectronics L6270 Datasheet HTML 3Page - STMicroelectronics L6270 Datasheet HTML 4Page - STMicroelectronics L6270 Datasheet HTML 5Page - STMicroelectronics L6270 Datasheet HTML 6Page - STMicroelectronics L6270 Datasheet HTML 7Page - STMicroelectronics L6270 Datasheet HTML 8Page - STMicroelectronics L6270 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
H-BRIDGE
GND-P
COIL
OUT1-A
OUTK-A
INA(inv)
SLEEP
INA(not inv)
GND-A
DC2ref
INB(not inv)
INB(inv)
OUT1-B
OUTK-B
V512-AP
RC comp
HVM
HVP
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
Vref
Iref
D98IN968
PIN CONNECTION (SO20)
PIN FUNCTIONS (SO20)
N.
Name
Description
1
H-BRIDGE
40V Half Bridge output for negative charge pump.
2
GND-P
Power ground.
3
COIL
Coil for positive step up.
4
OUT1-A
Output ampl.A.
5
OUTK-A
Hi current output ampl.A.
6
SLEEP
Sleep mode for stand-by condition (1=SLEEP 0=operative).
7
INA (inv)
Inverting input of A-amplifier.
8
INA (not inv)
Non Inverting input of A-amplifier.
9
GND-A
Analog ground.
10
Vref
Precise 2.5V reference voltage.
11
Iref
External resistor for precise internal current reference.
12
DC2ref
Reference voltage for DC-DC converter X20.
13
INB (not inv)
Non Inverting input of B-amplifier.
14
INB (inv)
Inverting input of B-amplifier.
15
OUTK-B
Hi current output ampl.B.
16
OUT1-B
Output ampl.B.
17
V512-AP
Analog&Power voltage supply 5 to 12V.
18
RC comp
DC-DC converter compensation network.
19
HVM
Negative High voltage generated op amp supplier.
20
HVP
Positive High voltage generated op amp supplier.
L6270 - L6271
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com