Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRF8065-FZ-R005T54 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BRF8065-FZ-R005T54
Description  High Precision Power Foil Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BRF8065-FZ-R005T54 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BRF8065-FZ-R005T54 Datasheet HTML 1Page - Bourns Electronic Solutions BRF8065-FZ-R005T54 Datasheet HTML 2Page - Bourns Electronic Solutions BRF8065-FZ-R005T54 Datasheet HTML 3Page - Bourns Electronic Solutions BRF8065-FZ-R005T54 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BRF Series – High Precision Power Foil Resistor
Termination Options
Type
Max. Current
Description
TD
60 A
Insulated round cable (Cu-tinned)
T1
70 A
Insulated Cu-flat cable
T2
85 A
T3
100 A
T4
120 A
T5
150 A
TCR Curve
2000
0
-2000
-4000
-6000
-8000
-10000
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
NOMINAL
Δ R/R
LIMIT 1
LIMIT 2
How To Order
BRF 8065 - F Z - R005 TD 4
Model
Size
8065 = 80 x 65 mm
8110 = 80 x 110 mm
8216 = 80 x 216 mm
8320 = 80 x 320 mm
8370 = 80 x 370 mm
Resistance Tolerance (%)
B = ±0.1
F = ±1
C = ±0.25
G = ±2
D = ±0.5
J = ±5
TCR (PPM/°C)
Z = ±50
Resistance Value Code
“R” represents decimal point
(example: R005 = 5 mΩ, 5R00 = 5.00 Ω, 100R = 100 Ω
Terminal Options
TD = 60 A (standard)
T3 = 100 A
T1 = 70 A
T4 = 120A
T2 = 85 A
T5 = 150 A
Terminals
2 = 2 terminals
4 = 4 terminals
REV. 11/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Typical Part Marking
BRFxxxx
R005 1% 4T
MANUFACTURER’S
TRADEMARK
MODEL
SIZE:
• 8065
• 8110
• 8216
• 8320
• 8370
RESISTANCE
TOLERANCE
NUMBER OF
TERMINALS
RESISTANCE CODE:
“R” REPRESENTS
DECIMAL POINT
(EXAMPLES: R005 = 0.005 Ω,
10R0 = 10 Ω)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com