Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W11 Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # W11
Description  Sealed 1/4” [6.35mm] Jacks & Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

W11 Datasheet(HTML) 2 Page - Switchcraft, Inc.

  W11 Datasheet HTML 1Page - Switchcraft, Inc. W11 Datasheet HTML 2Page - Switchcraft, Inc. W11 Datasheet HTML 3Page - Switchcraft, Inc. W11 Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPB 666
Sealed 1/4” [6.35mm] Jacks & Plugs
NEW
Series!
THE MOST RUGGED JACKS & PLUGS ARE NOW SEALED For nearly 75
years Switchcraft jacks and plugs have been proven in some of the harshest
environments possible. This new series takes durability even farther by
adding a waterproof, IP66 seal when the jack and plug are mated. Nearly all
configurations of 1/4” jacks and plugs are offered in these new sealed versions,
so contact Switchcraft to use them in your design today!
Sealed
When MATED
True FLEX RELIEF
on PLUG HANDLE
The sealed 1/4” jack and plug
series is sealed to IP66 when
mated for harsh environment
durability (requires mated pair of
sealed jack and sealed plug).
The unique overmolded flex
relief on the new sealed 1/4”
plug eliminates harsh bends
and protects your cable harsh
bends.
Made in Chicago with
the same 1-piece tip-rod,
premium materials, and design
as standard non-sealed
Switchcraft 1/4” jacks & plugs.
Switchcraft
quality
IP66
55 5 5 N EL STON A VE, CHIC A GO , IL 606 30 - 77 3.79 2.2700 - SALES@SW ITCHCRAFT.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com