Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-63606 Datasheet(PDF) 4 Page - ebm-papst

Part # LU-63606
Description  AC axial compact fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

LU-63606 Datasheet(HTML) 4 Page - ebm-papst

  LU-63606 Datasheet HTML 1Page - ebm-papst LU-63606 Datasheet HTML 2Page - ebm-papst LU-63606 Datasheet HTML 3Page - ebm-papst LU-63606 Datasheet HTML 4Page - ebm-papst LU-63606 Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC axial compact fan
sickled blades (S series)
W2E250-HL08-07
Charts: Air flow 50 Hz
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
2.200
2.000
1.800
1.600
1.400
1.200
1.000
800
600
400
200
0
qv[cfm]
1.200
1.000
800
600
400
200
0
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0,8
0,75
0,7
0,65
0,6
0,55
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
0
1
2
3
4
Measurement: LU-63607
Air performance measured as per ISO 5801
Installation category A. For detailed
information on the measuring set-up, please
contact ebm-papst. Suction-side noise
levels: LwA measured as per ISO 13347 /
LpA measured with 1m distance to fan axis.
The values given are valid under the
measuring conditions mentioned above and
may vary according to the actual installation
situation. With any deviation from the
standard set-up, the specific values have to
be checked and reviewed with the unit
installed.
Measured values
1
2
3
4
U
V
115
115
115
115
f
Hz
50
50
50
50
n
min-1
2500
2445
2355
2265
Pe
W
120
128
138
147
I
A
1.05
1.12
1.20
1.27
qv
m3/h
1865
1675
1390
895
pfs
Pa
0
40
80
110
U = Supply voltage · f = Frequency · n = Speed · Pe = Power input · I = Current draw · qv = Air flow · pfs = Pressure increase
Item no. 10492-5-9980 · Revision 66668 · Release 2009-07-01 · Page 4 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com