Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWP2274N-R002-F Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FWP2274N-R002-F
Description  Riedon™ Foil Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWP2274N-R002-F Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FWP2274N-R002-F Datasheet HTML 1Page - Bourns Electronic Solutions FWP2274N-R002-F Datasheet HTML 2Page - Bourns Electronic Solutions FWP2274N-R002-F Datasheet HTML 3Page - Bourns Electronic Solutions FWP2274N-R002-F Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FWP227x Series – Riedon™ Foil Power Resistors by Bourns
2
4
3
1
FWP2272P
10R0 1%
FWP2274N
10R0 1%
Features
n
Formerly a Riedon™ product
n
Resistances from 0.001 to 100 Ω
n
Resistance tolerances to ±0.1 %
n
TCR to ±25 PPM/°C
n
Power rating to 80 watts
n
Load stability to 0.1 %
n
RoHS compliant*
Specifications
Bourns Model
FWP2272P
FWP2274P
FWP2272N
FWP2274N
Terminals
2
4
(kelvin connection)
2
4
(kelvin connection)
Resistance Range (Ω)
0.01 to 100
0.001 to 50
0.01 to 100
0.001 to 50
Power Rating with Heat Sink (W)
60
80
Thermal Resistance Rthj-c (K/W)
1.3
1.0
Tolerances
(depends on resistance)
0.1 %1 / 1 % / 2 % / 5 %
(others upon request)
Stability
0.1 % / 0.2 % / 0.5 %
(depends on stress)
Temperature Coefficient2
±25 PPM/°C (20 to 60 °C)
±50 PPM/°C (-40 to +130 °C)
FWP2272P / FWP2272N TK Shift depends on
resistance value (see the corresponding graph on the following page)
Voltage Proof
1.5 kVDC (higher upon request)
Thermal EMF
< 1 μV/K
Max. Current
45 A (85 A on request)
50 A (100 A on request)
Operating Temperature Range
-40 to +130 °C
Resistor Material
Metal Foil CuNiMn (DIN 17471)
Substrate
Al2O3
AlN
Housing
Epoxy
Connector Material
Cu / tinned or nickel plated
Max. Torque
back plate: 1.5 Nm
terminals: 1.3 Nm
MSL Level
MSL 1
1 Please inquire for low ohm values.
2 Contact Bourns for additional TCR values.
How To Order
FWP227 2 P - R010 - F
Model
FWP227
Terminals
2 = 2 terminals
4 = 4 terminals
Power Rating
P = 60 W
N = 80 W
Resistance (Ω)
“R” represents decimal point
(example: R002 = 0.002 Ω,
5R00 = 5.00 Ω, 10R0 = 10 Ω)
Tolerance (%)
B = ±0.1
G = ±2
F = ±1
J = ±5
Packaging Information
Bulk .........................................50 pcs. per box
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Additional Information
Click these links for more information:
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc.,
including its logo and trademarks and the right to continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov


Similar Part No. - FWP2274N-R002-F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FWP220 BOURNS-FWP220 Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-B BOURNS-FWP220S2-10R0-B Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-C BOURNS-FWP220S2-10R0-C Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-D BOURNS-FWP220S2-10R0-D Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-F BOURNS-FWP220S2-10R0-F Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
More results

Similar Description - FWP2274N-R002-F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
Foil Power Resistors
logo
Bourns Electronic Solut...
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
logo
Riedon Powertron
FPR2-T227 RIEDON-FPR2-T227_13 Datasheet
221Kb / 2P
Foil Power Resistors
FNR2E-0R01F1 RIEDON-FNR2E-0R01F1 Datasheet
221Kb / 2P
Foil Power Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
Foil Power Resistors
FNR2E-0R5F1 RIEDON-FNR2E-0R5F1 Datasheet
221Kb / 2P
Foil Power Resistors
FNR2E-0R015F1 RIEDON-FNR2E-0R015F1 Datasheet
221Kb / 2P
Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
Foil Power Resistors
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
Foil Power Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com