Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03420014X Datasheet(PDF) 1 Page - Littelfuse

Part # 03420014X
Description  Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03420014X Datasheet(HTML) 1 Page - Littelfuse

  03420014X Datasheet HTML 1Page - Littelfuse 03420014X Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fuseholder Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 02/07/22
1
342 Series
Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
RoHS Pb
Product Characteristics
Dimensions
.7"
.11" DIA.
.090" X .12"
HOLE
1.31"
.78"
1"
.3"
.7"
1"
.4"
.020"
.032"
.502"
.510"
.45"
FLATS
TYP.
.69"
HEX
FLATS
.475"
.480"
Solder
3/16” Q.C.
1/4” Q.C.
Mounting
Hole
.085" X .12"
HOLE
.78"
1"
.7"
1"
.020"
.78"
1"
.032"
.63"
.14" DIA. HOLE
.502"
.510"
.187"
.475"
.480"
.69"
HEX
FLATS
.250"
.56"
.69" DIA.
.59"
DETENT
.06" DIA.HOLE
.45"
FLATS
TYP.
Solder
3/16” Q.C.
1/4” Q.C.
Mounting
Hole
General Application / Straight Terminal Product Dimensions
.625"
.635"
.81"
.94"
DIA.
.12" DIA.
HOLES
1.3 "
.81
"
.570"
.575"
MOUNTING HOLE
General Application
Products
Watertight Product
Compatible
Fuses
3AG/AB
Electrical
Rated at 20 amperes for any voltage up to 250
Ambient
Temperature
–40ºC to +85ºC
Dielectric
Strength
2400 volts minimum
1500 volts minimum
Mounting
Withstands 15 lb.-
in. mounting torque;
maximum panel
thickness: .187”
Withstands 15 lb.-
in. mounting torque;
maximum panel thickness
is .250”
Molded Parts
Black thermoplastic
(UL94 V-0)
Black thermoset
(UL94 V-0)
Seal
Neoprene washer provide
drip-proof protection on
the front side of the panel
(upon request)
O-ring provides a
watertight seal on the
front side of the panel per
MIL-PRF-19207
Terminals
Copper & copper alloy.
Tin plated, except
¼” Quick-Connect
terminals are nickel plated
Copper & copper alloy.
Tin plated
Hardware
Comes with a mounting
nut and neoprene washer
O-rings (2) and hex nut,
unassembled
Ingression
Protection
Rating
IP40
IP67
General Application / Right Angle Terminal Product Dimensions
Watertight Product Dimensions
Agency Approvals
Agency
Agency File Number
E14721
7316 (*Except 342 006)
Resources
Accessories
Samples
Additional Information
Packing
Accessories
H or HX
Washer and Nut
Each component is packed in
separate bags with 100 pieces
H or HX Pack kits includes
washers and nuts
Just X
P
1 piece of each component
packed together in 1 bag
Drip proof washer installed
in knob
L
Lockwasher
0
3
4
2
0
0
4
8
H
X
P
L
0
3
4
2
0
0
4
X
Kit part Numbering System


Similar Part No. - 03420014X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03420012HX010 LITTELFUSE-03420012HX010 Datasheet
315Kb / 1P
342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
Revised: GD. 06/04/21
More results

Similar Description - 03420014X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
155 LITTELFUSE-155 Datasheet
479Kb / 1P
155 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
03420025Z LITTELFUSE-03420025Z_V01 Datasheet
401Kb / 2P
342 Military Series Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Revised: GD. 07/31/21
342 LITTELFUSE-342_V01 Datasheet
315Kb / 1P
342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
Revised: GD. 06/04/21
82000000005 LITTELFUSE-82000000005 Datasheet
461Kb / 2P
820/821/823/824 Series Panel Mount Enclosed Fuseholders
Revised: GD. 07/15/21
86000001009 LITTELFUSE-86000001009 Datasheet
536Kb / 2P
860/862 Series Enclosed Fuseholders for 5횞20mm and 6.2x32mm Fuses
Revised: 05/17/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com