Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC0603-R001GT5 Datasheet(PDF) 1 Page - TT Electronics.

Part # MFC0603-R001GT5
Description  Metal Foil on Ceramic Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFC0603-R001GT5 Datasheet(HTML) 1 Page - TT Electronics.

  MFC0603-R001GT5 Datasheet HTML 1Page - TT Electronics. MFC0603-R001GT5 Datasheet HTML 2Page - TT Electronics. MFC0603-R001GT5 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Metal Foil on Ceramic
Chip Resistors
MFC Series
Small size down to 0402
Tolerance to ±0.5%
TCR to ±50ppm/°C
High power density
AEC-Q200 qualified (excluding 0.5% tolerance)
Resistors
10.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
0402
0603
0805
1206
2010
2512
Power rating @ 70°C
W
0.25
0.5
0.25
0.75
0.5
1
0.75
1
1
2
Overload rating 5s
W
2.25
2.5
2.25
3.75
2.5
5
3.75
5
5
8
Resistance range
mΩ 10- 50
3- 100
30- 100 3- 100 30- 100
3- 100
30- 100
3- 100
30- 100 101- 200 2- 100
AEC-Q200 qualified
Tolerance
±%
1, 2, 5
0.5
1, 2, 5
0.5
1, 2, 5
0.5
1, 2, 5
0.5
1, 2, 5
TCR (-55°C to +125°C)
±ppm/°C
100
<R01: 200,
≥R01: 100
<R01: 100, ≥R01: 50
R002: 200, R003 – R009: 100,
≥R01: 50
Standard values
E24 plus integer milliohm values below R01 preferred
Operating temperature
°C
-55 to +155
Dimensions (mm) and weight (mg)
Size
Value
(mΩ)
L
W
C
A
T max
Wt
0402
All
1.05±0.1
0.55±0.1
-
0.27±0.1
0.55
0.9
0603
≤4
1.6±0.2
0.85±0.25 0.35±0.25
0.6±0.2
0.85
2.9
>4
0.35±0.2
0805
≤4
2±0.25
1.3±0.2
0.38±0.28
0.7±0.3
0.85
7- 10
>4
0.4±0.3
1206
≤4
3.15±0.25
1.6±0.2
0.5±0.3
0.9±0.3
0.9
13- 15
>4
0.53±0.33
2010
<4
5±0.2
2.5±0.2
0.6±0.3
1.6±0.3
0.73
33
4 – 5
1.3±0.3
>5
0.85±0.35
2512
2
6.35±0.25
3.2±0.2
0.75±0.45
2.3±0.3
0.95
54
3 – 4
1.8±0.4
5 – 7
1.15±0.35
>7
1.05±0.45
Electrical Data
Physical Data
Construction
Marking
Solvent Resistance
Metal foil resistor material is bonded onto an alumina substrate and connected to wraparound terminations with nickel barrier and 100% Sn finish. Protec-
tion and marking are applied and each resistor is measured immediately before packing into tape.
MFC0402 parts are not marked. Larger MFC sizes are marked with 2, 3 or 4 characters indicating ohmic value. Where “R” is used it indicates the decimal
point location for the value in ohms, e.g. “R047” = 47mΩ, “R01” = 10mΩ. Where “R” is omitted, the value is in milliohms e.g. “047” = 47mΩ, “03” = 3mΩ.
Reels are marked with type, value, tolerance, date code and quantity.
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits.
Precision Surface Mount Resistors
03.11
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series
>0.05% tolerance
0603 to 2512
0.25%
0.3%
0.5%
0.25%
0.1%
0.2%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Chip size
0201, 0402
0.5%
0.3%
0.5%
0.25%
0.1%
0.2%
≤0.05% tolerance
0603 to 2512
0.05%
0.05%
0.05%
0.25%
0.05%
0.05%
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000 hours @ 40°C, 90 - 95%RH
6.25 x rated Power , or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0.5%
0.5%
0.5%
0.5%
0.25%
0.2%
95% minimum coverage
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 155°C
5 cycles -55°C, 150°C
270°C, 10 sec
235°C, 2 sec
0603 to 2512
0.05%
0.05%
0.02%
0.05%
0.02%
0.02%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0402
0.25%
0.5%
0.1%
0.5%
0.1%
0.1%
Performance Data - Standard Range
Performance Data - High Power Range
Performance Data - Passivated Range
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor.
The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts
the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each
resistor is measured immediately before packing into tape.
Terminations
The standard termination is 100% Sn matte plated wrap-around suitable for soldering. SnPb plated option is available for standard
range PCF over the restricted range below.
Physical Data
Dimensions (mm) and Weight (mg)
L
W
T max
A
C
Wt
0201
0.58 0.05
0.29 0.05
0.26
0.15 0.05
0.12 0.05
0.14
0402
1.0 0.1
0.5 0.05
0.55
0.25 0.15
0.2 0.15
0.54
0603
1.6 0.2
0.8 0.2
0.65
0.35 0.25
0.3 0.2
1.8
0805
2.0 0.2
1.25 0.2
0.65
0.4 0.25
0.3 0.2
4.7
1206
3.05 0.15
1.55 0.15
0.65
0.35 0.25
0.42 0.2
9.0
1210
3.10 0.15
2.5 0.25
0.65
0.55 0.25
0.4 0.3
10
2010
4.9 0.2
2.4 0.25
0.65
0.55 0.3
0.6 0.3
24
2512
6.3 0.2
3.1 0.25
0.65
0.7 0.45
0.6 0.3
38
T
W
A
A
L
Wrap-around terminations
(3 faces)
C


Similar Part No. - MFC0603-R001GT5

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
MFC KGS-MFC Datasheet
6Mb / 1P
Mini clip with side slot for flat cable
MFC-2000 KGS-MFC-2000 Datasheet
6Mb / 1P
Mini clip with side slot for flat cable
MFC-3000-R KGS-MFC-3000-R Datasheet
6Mb / 1P
Mini clip with side slot for flat cable
logo
Adam Technologies, Inc.
MFC-A-XX-F-T ADAM-TECH-MFC-A-XX-F-T Datasheet
83Kb / 1P
909 Rahway Avenue
logo
United Monolithic Semic...
MFC-P09828 UMS-MFC-P09828 Datasheet
128Kb / 6P
55-65GHz Single Side Band Mixer
More results

Similar Description - MFC0603-R001GT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
26-Jan-05
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
17-Aug-04
logo
Riedon Powertron
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
Foil Power Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
Precision Foil Resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
Riedon Powertron
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
Precision Foil Resistors
logo
List of Unclassifed Man...
RUG-Z ETC-RUG-Z Datasheet
1Mb / 2P
HIGH PRECISION METAL FOIL RESISTORS
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
Metal Foil Current Sensing Chip Resistors
logo
Ohmite Mfg. Co.
FC4T OHMITE-FC4T Datasheet
416Kb / 2P
Metal Foil Low Value Chip
logo
Stackpole Electronics, ...
CSRF SEI-CSRF Datasheet
452Kb / 11P
Foil on Ceramic Current Sensing Chip Resistor
6/28/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com