Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W144 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # W144
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W144 Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button W144 Datasheet HTML 4Page - SpectraLinear Inc W144 Datasheet HTML 5Page - SpectraLinear Inc W144 Datasheet HTML 6Page - SpectraLinear Inc W144 Datasheet HTML 7Page - SpectraLinear Inc W144 Datasheet HTML 8Page - SpectraLinear Inc W144 Datasheet HTML 9Page - SpectraLinear Inc W144 Datasheet HTML 10Page - SpectraLinear Inc W144 Datasheet HTML 11Page - SpectraLinear Inc W144 Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
W144
Rev 1.0, November 21, 2006
Page 8 of 13
2–
(Reserved)
0
1–
(Reserved)
0
0–
(Reserved)
0
Data Byte 6 (continued)
Data Byte 7
7–
(Reserved)
0
6–
(Reserved)
0
5–
(Reserved)
0
4–
(Reserved)
0
3–
(Reserved)
0
2–
(Reserved)
0
1–
(Reserved)
0
0–
(Reserved)
0
Table 6. Additional Frequency Selections through Serial Data Interface Data Bytes[2]
Input Conditions
Output Frequency
Data Byte 0, Bit 3 = 1
CPU, SDRAM Clocks
(MHz)
PCI Clocks
(MHz)
Bit 2
SEL_3
Bit 6
SEL_2
Bit 5
SEL_1
Bit 4
SEL_0
1
1
1
1
133.6
33.4 (CPU/4)
1
1
1
0
124
31 (CPU/4)
1
1
0
1
150
37.5 (CPU/4)
1
1
0
0
140
35 (CPU/4)
1
0
1
1
105
35 (CPU/3)
10
1
0
110
36.7 (CPU/3)
10
0
1
115
39.3 (CPU/3)
1
0
0
0
120
40 (CPU/3)
0
1
1
1
100.2
33.4 (CPU/3)
0
1
1
0
133
44.3 (CPU/3)
0
1
0
1
112
37.3 (CPU/3)
0
1
0
0
103
34.3 (CPU/3)
0
0
1
1
66.8
33.4 (CPU/2)
0
0
1
0
83.3
41.7 (CPU/2)
0
0
0
1
75
37.5 (CPU/2)
0
0
0
0
124
41.3 (CPU/3)
Table 7. Select Function for Data Byte 0, Bits 0:1
Function
Input Conditions
Output Conditions
Data Byte 0
CPU_F,
CPU1
PCI_F,
PCI1:5
REF0:1,
IOAPIC
48MHZ
24MHZ
Bit 1
Bit 0
Normal Operation
0
0
Note 1
Note 1
14.318 MHz
48 MHz
24 MHz
Spread Spectrum
1
0
±0.5%
±0.5%
14.318 MHz
48 MHz
24 MHz
Three-state
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Note:
2. CPU and PCI frequency selections are listed in Table 1 and Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com