Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2023P7 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2023P7
Description  Digital Pressure Instruments
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2023P7 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2023P7 Datasheet HTML 1Page - Digitron Semiconductors 2023P7 Datasheet HTML 2Page - Digitron Semiconductors 2023P7 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Pressure Instruments
Data Sheet: 2000P-004/17
Model Specification
Model Options 2020P
2021P
2022P
2023P
2025P
2026P
2028P
Operating Range
25mbar
130mbar 2bar
7bar
2bar
absolute
0to10bar 1bar
Over range
350mbar 750mbar 4bar
10bar
4bar
absolute
21bar
2bar
Backlight
•
•
•
•
•
•
•
Out of range
•
•
•
•
•
•
•
Zeroing
•
•
•
•
•
•
Hold
•
•
•
•
•
•
•
Smoothing
•
•
•
•
•
•
•
Units of Pressure
•
•
•
•
•
•
•
Range Lock
•
•
•
•
•
•
•
Max/Min
•
•
•
•
•
•
•
Zeroing Absolute
•
Kenfig Industrial Estate, Margam, Port Talbot, SA13 2PW United Kingdom
T: +44 (0) 1656 740 551 E: rototherm@rototherm.co.uk W: www.rotothermgroup.com
Rototherm Group
Excellence the World can Measuretm
Pressure Scales
2020P7
2021P7
2022P7
2023P7
mbar
0 to 1999 μbar ++0.00 to 25.00 mbar
0.00 to 19.99 mbar + 0.0 to 130.0 mbar
0.0 to 199.9 mbar + 0 to 1999 mbar
0 to 1999 mbar + 0.00 to 7.00 bar
Pa
0.0 to 199.9 Pa + 0 Pa to 2500 Pa
0.00 to 13.00 kPa
0.00 to 19.99 kPa + 0.0 to 199.9 kPa
0.0 to 199.9 kPa + 0 to 700 kPa
In H20
0.00 to 10.05”
0.00 to 52.28”
0.0 to 199.9” + 0 to 804”
0.0 to 199.9” + 0 to 2815”
m H2O
0.00 to 19.99 mm + 0.0 to 255.3 mm
0.0 to 199.9 mm + 0 to 1320 mm
0.00 to 20.43 m
0.00 to 19.99 m + 0.0 to 71.5 m
In Hg
0.00 to 0.73”
0.00 to 3.83”
0.00 to 59.00”
0.00 to 19.99” + 0.0 to 206.7”
m Hg
0.00 to 18.75 mm
0.00 to 19.99 mm + 0.0 to 97.5 mm
0.00 to 19.99 cm + 0.0 to 150.0 cm
0.00 to 5.25 m
PSI
0.00 to 0.36 psi
0.00 to 1.88 psi
0.00 to 29.00 psi
0.00 to 19.99 psi + 0.0 to 101.5 psi
2025P7 Absolute
2026P7
2028P7
mbar
0.0 to 199.9 mbar + 0 to 1999 mbar
0 to 1999 mbar + 0.00 to 10.00 bar
0.0 to 199.9mbar + 0 to 1000mbar
Pa
0.00 to 19.99 kPa + 0.0 to 199.9 kPa
0.0 to 199.9 kPa + 0 to 1000 kPa
0.00 to 19.99kPa + 0.0 to 100.0kPa
In H20
0.0 to 199.9” + 0 to 804”
0.0 to 199.9” + 0 to 4022”
0.0 to 199.9” + 0 to 402”
m H2O
0.00 to 20.43 m
0.00 to 19.99 m + 0.0 to 102.2 m
0.00 to 10.22m
In Hg
0.00 to 59.00”
0.00 to 19.99” + 0.0 to 295.3”
0.00 to 29.5”
m Hg
0.00 to 19.99 cm + 0.0 to 150.0 cm
0.00 to 7.50m
0.00 to 19.99cm + 0.0 to 75.0cm
PSI
0.00 to 29.00 psi
0.00 to 19.99 psi + 0.0 to 145.0 psi
0.00 to 14.50psi



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com