Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W144HT Datasheet(PDF) 13 Page - SpectraLinear Inc

Part # W144HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W144HT Datasheet(HTML) 13 Page - SpectraLinear Inc

Back Button W144HT Datasheet HTML 5Page - SpectraLinear Inc W144HT Datasheet HTML 6Page - SpectraLinear Inc W144HT Datasheet HTML 7Page - SpectraLinear Inc W144HT Datasheet HTML 8Page - SpectraLinear Inc W144HT Datasheet HTML 9Page - SpectraLinear Inc W144HT Datasheet HTML 10Page - SpectraLinear Inc W144HT Datasheet HTML 11Page - SpectraLinear Inc W144HT Datasheet HTML 12Page - SpectraLinear Inc W144HT Datasheet HTML 13Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev 1.0, November 21, 2006
Page 13 of 13
W144
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Package Drawing and Dimension
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
––3
ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
–40
–
Ordering Information
Ordering Code
Package Type
W144H
48-Pin SSOP (300-mil)
W144HT
48-Pin SSOP (300-mil) – Tape and Reel
24 MHz Clock Output (Lump Capacitance Test Load = 20 pF= 66.6/100 MHz (continued)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100.2 MHz
Unit
Min.
Typ.
Max.
48-LeadShrunkSmall OutlinePackageO48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com