Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W150H Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # W150H
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W150H Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button W150H Datasheet HTML 6Page - SpectraLinear Inc W150H Datasheet HTML 7Page - SpectraLinear Inc W150H Datasheet HTML 8Page - SpectraLinear Inc W150H Datasheet HTML 9Page - SpectraLinear Inc W150H Datasheet HTML 10Page - SpectraLinear Inc W150H Datasheet HTML 11Page - SpectraLinear Inc W150H Datasheet HTML 12Page - SpectraLinear Inc W150H Datasheet HTML 13Page - SpectraLinear Inc W150H Datasheet HTML 14Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
W150
Rev 1.0, November 24, 2006
Page 11 of 14
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V. Maximum
difference of cycle time between two
adjacent cycles.
250
ps
tSK
Output Skew
Measured on rising edge at 1.5V
500
ps
tO
CPU to PCI Clock Skew
Covers all CPU/PCI outputs. Measured on
rising edge at 1.5V. CPU leads PCI output.
1.5
4
ns
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior
to frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition.
Used for determining series termination
value.
15
IOAPIC0 and IOAPIC_F Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency generated by crystal oscillator
14.31818
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.0V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.0V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.25V
45
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
1.5
ms
Zo
AC Output Impedance
Average value during switching transition.
Used for determining series termination value.
15
REF0:1 Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
25
SDRAM 0:15, _F Clock Outputs (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.8 MHz
CPU = 100 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
t
P
Period
Measured on rising edge at 1.5V
15
15.5
10
10.5
ns
tH
High Time
Duration of clock cycle above 2.4V
5.2
3.0
ns
tL
Low Time
Duration of clock cycle below 0.4V
5.0
2.0
ns
tR
Output Rise Edge Rate Measured from 0.4V to 2.4V
1
4
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
1
4
V/ns
PCI Clock Outputs, PCI_F and PCI0:5 (Lump Capacitance Test Load = 30 pF) (continued)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com