Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W150HT Datasheet(PDF) 13 Page - SpectraLinear Inc

Part # W150HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W150HT Datasheet(HTML) 13 Page - SpectraLinear Inc

Back Button W150HT Datasheet HTML 6Page - SpectraLinear Inc W150HT Datasheet HTML 7Page - SpectraLinear Inc W150HT Datasheet HTML 8Page - SpectraLinear Inc W150HT Datasheet HTML 9Page - SpectraLinear Inc W150HT Datasheet HTML 10Page - SpectraLinear Inc W150HT Datasheet HTML 11Page - SpectraLinear Inc W150HT Datasheet HTML 12Page - SpectraLinear Inc W150HT Datasheet HTML 13Page - SpectraLinear Inc W150HT Datasheet HTML 14Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
W150
Rev 1.0, November 24, 2006
Page 13 of 14
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
6
7
13
19
20
24
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
+2.5V Supply
1
2
3
4
5
8
9
11
12
14
15
16
17
22
23
21
25
26
27
28
40
39
18
41
10
31
30
29
36
35
34
33
32
37
38
G
V
FB
+3.3V Supply
C4
Cermaic Caps C1 & C3 = 10 – 22 µF C2 & C4 = 0.005
µF
10 mF
FB
C1
C2
0.005 mf
FB = Dale ILB1206 - 300 (300
@ 100 MHz)
10 mF
0.005 mF
G
G
G
G
VDDQ2
VDDQ3
C3
G
V
All bypass caps = 0.1 F ceramic
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com