Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 4 Page - Powersolve Electronics Ltd.

Part # PS50
Description  High Density DC-DC Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSOLVE [Powersolve Electronics Ltd.]
Direct Link  https://powersolve.com.tw/
Logo POWERSOLVE - Powersolve Electronics Ltd.

PS50 Datasheet(HTML) 4 Page - Powersolve Electronics Ltd.

  PS50 Datasheet HTML 1Page - Powersolve Electronics Ltd. PS50 Datasheet HTML 2Page - Powersolve Electronics Ltd. PS50 Datasheet HTML 3Page - Powersolve Electronics Ltd. PS50 Datasheet HTML 4Page - Powersolve Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.powersolve.co.uk
Powersolve Electronics Ltd, Units 8, 9 and 12 The Paddock, Hambridge Road, Newbury, Berks RG14 5TQ
Tel: 01635 521858 Fax: 01635 523771 Email: sales@powersolve.co.uk
4
Remote ON/OFF Control
External Output Trimming
Output Noise
The PS50 series allows the user to switch the module on and off electronically with remote on/off feature. The PS50
series are available with "positive logic" or "negative logic" (option).
Output may optionally be externally trimmed (+10%) with a fixed resistor or an external trimpot as shown.
The output noise is measured with 10
μF tantalum capacitor and 1.0μF ceramic capacitor across output.
HIGH SIGNAL HERE
DISABLE OUTPUT
ON/OFF (2)
-VIN (4)
Negative
Logic Table
External Output
Output Noise Test Circuit schematic
Logic
Positive Logic
Logic Low -
Switch Closed
Logic High -
Switch Open
Module on
Module off
Module off
Module on
+SENSE (8)
-SENSE (6)
-SENSE (6)
+SENSE (8)
TRIM (7)
TRIM (7)
TRIM UP
TRIM DOWN
10K ohms
TRIMPOT
+Vout (9)
-Vout (5)
Ceramic
1.0
µF
Solid Tantalum
10
µF
To
Scope
Resistor
Load
Logic State
(Pin 2)
All Specifications Typical At Nominal Line, Full Load and 25°C Unless Otherwise Noted.
High Density DC-DC Modules



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com