Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEW3263PPA Datasheet(PDF) 2 Page - Pro-Power

Part # PEW3263PPA
Description  PEW16/32_pp Series Mains Plugs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PEW3263PPA Datasheet(HTML) 2 Page - Pro-Power

  PEW3263PPA Datasheet HTML 1Page - Pro-Power PEW3263PPA Datasheet HTML 2Page - Pro-Power PEW3263PPA Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEW16/32_pp Series
Mains Plugs
Page 2
22/06/06 V1.0
Description
Part Number
Wall Mount Socket 240V IP67
PEW1663PPB
Wall Mount Socket 415V IP67
PEW1665PPB
Wall Mount Socket 240V 2P+E
PEW3263PPA
Wall Mount Socket 415V 3P N+E
PEW3265PPA
Current
Rating
(A)
Poles
A
B
C
D
E
F
G
X
Y
Pg
∅
∅
Knockout
16
75
115
150
105
19
33
∅22
65
105
16
108
100
130
172
120
22
85
115
21
32
42
∅28
Part Number Table
2P +
3P +
3P +N +
2P +
3P +
3P +N +
Dimensions : Millimetres



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com