Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50-12S05 Datasheet(PDF) 1 Page - Powersolve Electronics Ltd.

Part # PS50-12S05
Description  High Density DC-DC Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSOLVE [Powersolve Electronics Ltd.]
Direct Link  https://powersolve.com.tw/
Logo POWERSOLVE - Powersolve Electronics Ltd.

PS50-12S05 Datasheet(HTML) 1 Page - Powersolve Electronics Ltd.

  PS50-12S05 Datasheet HTML 1Page - Powersolve Electronics Ltd. PS50-12S05 Datasheet HTML 2Page - Powersolve Electronics Ltd. PS50-12S05 Datasheet HTML 3Page - Powersolve Electronics Ltd. PS50-12S05 Datasheet HTML 4Page - Powersolve Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.powersolve.co.uk
Powersolve Electronics Ltd, Units 8, 9 and 12 The Paddock, Hambridge Road, Newbury, Berks RG14 5TQ
Tel: 01635 521858 Fax: 01635 523771 Email: sales@powersolve.co.uk
High Density DC-DC Modules
PS50 Series
25 to 50 Watt Wide Input
DC-DC Converters
Single Output
Features
• 25W/50W Isolated Output
• Efficiency to 85%
• 300KHz Switching Frequency
• 2 : 1 Input Range
• Regulated Outputs
• Continuous Short Circuit Protection
• Five-Sided Metal Case
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%EFF
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
PS50-12S25
2.5 VDC
10 A
2740 mA
76
PS50-12S33
3.3 VDC
10 A
3525 mA
78
PS50-12S05
5 VDC
10 A
5145 mA
81
PS50-12S12
12 VDC
4.16 A
4950 mA
84
PS50-12S15
15 VDC
3.33 A
4950 mA
84
PS50-12S24
24 VDC
2.08 A
4950 mA
84
PS50-24S25
2.5 VDC
10 A
1353 mA
77
PS50-24S33
3.3 VDC
10 A
1740 mA
79
PS50-24S05
5 VDC
10 A
2540 mA
82
PS50-24S12
12 VDC
4.16 A
2450 mA
85
PS50-24S15
15 VDC
3.33 A
2450 mA
85
PS50-24S24
24 VDC
2.08 A
2419 mA
86
PS50-48S25
2.5 VDC
10 A
676 mA
77
PS50-48S33
3.3 VDC
10 A
870 mA
79
PS50-48S05
5 VDC
10 A
1250 mA
83
PS50-48S12
12 VDC
4.16 A
1220 mA
85
PS50-48S15
15 VDC
3.33 A
1220 mA
85
PS50-48S24
24 VDC
2.08 A
1209 mA
86
NOTE: 1. Nominal Input Voltage 12, 24 & 48 VDC
1
Only for Nominal Input Voltage 24 & 48 VDC
9-18VDC
18-36VDC
36-75VDC
50 mA
50 mA
50 mA


Similar Part No. - PS50-12S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS50-12S05 ETC2-PS50-12S05 Datasheet
266Kb / 4P
High Density DC-DC Modules
More results

Similar Description - PS50-12S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS50-12S25 ETC2-PS50-12S25 Datasheet
266Kb / 4P
High Density DC-DC Modules
logo
Intronics Power, Inc.
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
DC/DC MODULES
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
DC/DC MODULES
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10 Datasheet
346Kb / 5P
DC/DC CONVERTER 10W, High Power Density
logo
TDK Electronics
SX2048S03 TDK-SX2048S03 Datasheet
509Kb / 2P
High Density DC/DC Converter Specifi cations
logo
High Voltage Power Solu...
DCM12-4N3 HVPSI-DCM12-4N3_15 Datasheet
550Kb / 2P
Proportional DC-DC High Voltage Modules
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10_15 Datasheet
628Kb / 5P
DC/DC CONVERTER 10W, High Power Density
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com