Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-37TI-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL133-37TI-R
Description  Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-37TI-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL133-37TI-R Datasheet HTML 1Page - Micrel Semiconductor PL133-37TI-R Datasheet HTML 2Page - Micrel Semiconductor PL133-37TI-R Datasheet HTML 3Page - Micrel Semiconductor PL133-37TI-R Datasheet HTML 4Page - Micrel Semiconductor PL133-37TI-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PL133-37
Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/24/15 Page 2
PIN DESCRIPTION
Name
Package Pin #
Type
Description
SOT23-6L
CLK1
1
O
Output clock
GND
2
P
Ground connection
FIN
3
I
Reference clock input
CLK0
4
O
Output clock
VDD
5
P
Power supply
CLK2
6
O
Output clock
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a performance optimized PCB design:
Signal Integrity and Termination Considerations
- Keep traces short!
- Trace = Inductor. With a capacitive load this equals
ringing!
- Long trace = Transmission Line. Without proper termi-
nation this will cause reflections (looks like ringing).
- Design long traces as “striplines” or “microstrips” with
defined impedance.
- Match trace at one side to avoid reflections bouncing
back and forth.
Decoupling and Power Supply Considerations
- Place decoupling capacitors as close as possible to
the VDD pin(s) to limit noise from the power supply
- Multiple VDD pins should be decoupled separately
for best performance.
- Addition of a ferrite bead in series with VDD can
help prevent noise from other board sources
- Value of decoupling capacitor is frequency de-
pendant. Typical value to use is 0.1µF.
Typical CMOS termination
Place Series Resistor as close as possible to CMOS output
CMOS Output Buffer
(Typical buffer impedance 20Ω)
To CMOS Input
Series Resistor
Use value to match output buffer impedance to
50Ω trace. Typical value 30Ω
50Ω line



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com