Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-37TC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL133-37TC-R
Description  Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-37TC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL133-37TC-R Datasheet HTML 1Page - Micrel Semiconductor PL133-37TC-R Datasheet HTML 2Page - Micrel Semiconductor PL133-37TC-R Datasheet HTML 3Page - Micrel Semiconductor PL133-37TC-R Datasheet HTML 4Page - Micrel Semiconductor PL133-37TC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PL133-37
Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/24/15 Page 3
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VDD
-0.5
4.6
V
Input Voltage Range
VI
-0.5
VDD+0.5
V
Output Voltage Range
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°
C
Ambient Operating Temperature*
-40
85
°
C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent
damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the
device at these or any other conditions above the operational limits noted in this specification is not implied.
*Operating temperature is guaranteed by design. Parts are tested to commercial grade only.
AC SPECIFICATIONS
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX. UNITS
Input (FIN) Frequency
2.5V and 3.3V operation
1
150
MHz
1.8V operation
1
100
MHz
Input (FIN)
Signal Amplitude
Internally AC coupled, <150MHz,
VDD=2.5V and 3.3V.
0.8
VDD
VPP
Internally AC coupled, <100MHz, all VDDs
0.5
VDD
VPP
Internally AC coupled, 3.3V <50MHz,
2.5V <40MHz, 1.8V <15MHz
0.1
VDD
VPP
Output Enable Time
OE Function; Ta=25º C, 15pF Load
10
ns
Output Rise Time
15pF Load, 10/90%VDD, 3.3V
2
3
ns
Output Fall Time
15pF Load, 90/10%VDD, 3.3V
2
3
ns
Duty Cycle
Input Duty Cycle is 50%
45
50
55
%
Output to Output Skew
All outputs equally loaded
250
ps
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current, Dynamic
IDD
VDD = 3.3V, 25MHz, No Load
1.2
mA
VDD = 2.5V, 25MHz, No Load
0.9
mA
VDD = 1.8V, 25MHz, No Load
0.6
mA
Supply Current, Standby
IDD_SB
OE Pin Pulled Low, VDD = 3.3V
0.3
mA
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +12mA, VDD = 3.3V
0.4
V
Output High Voltage
VOH
IOH = -12mA, VDD = 3.3V
2.4
V
Output Current
IOSD
VOL = 0.4V, VOH = 2.4V,
VDD = 3.3V
12
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com