Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA110LS Datasheet(PDF) 4 Page - Littelfuse

Part # PAA110LS
Description  400V, 150mA Dual Single-Pole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PAA110LS Datasheet(HTML) 4 Page - Littelfuse

  PAA110LS Datasheet HTML 1Page - Littelfuse PAA110LS Datasheet HTML 2Page - Littelfuse PAA110LS Datasheet HTML 3Page - Littelfuse PAA110LS Datasheet HTML 4Page - Littelfuse PAA110LS Datasheet HTML 5Page - Littelfuse PAA110LS Datasheet HTML 6Page - Littelfuse PAA110LS Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R10
PAA110L
I
F =5mA
I
F =10mA
I
F =20mA
-40
-20
0
20
40
60
80
100
Typical Turn-On Time
vs. Temperature
(I
L=150mADC)
1.50
1.25
1.00
0.75
0.50
0.25
0
Temperature (ºC)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-Off Time
vs. Temperature
(I
L=150mADC, IF=5mA)
-40
30
25
20
15
10
5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical On-Resistance
vs. Temperature
(I
L=150mADC, IF=5mA)
-40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=150mADC)
Temperature (ºC)
-40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Dropout
vs. Temperature
(I
L=150mADC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
0
1.0
0.5
1.5 2.0 2.5
Typical Load Current
vs. Load Voltage
(I
F=5mA)
250
200
150
100
50
0
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I
F =20mA
I
F =10mA
I
F =5mA
Maximum Load Current
vs. Temperature
-40
490
485
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 5&6 or 7&8
Temperature (ºC)
350
300
250
200
150
100
50
0
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Current Limiting
vs. Temperature
(I
F=5mA)
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com