Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W255HT Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # W255HT
Description  200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W255HT Datasheet(HTML) 6 Page - SpectraLinear Inc

  W255HT Datasheet HTML 1Page - SpectraLinear Inc W255HT Datasheet HTML 2Page - SpectraLinear Inc W255HT Datasheet HTML 3Page - SpectraLinear Inc W255HT Datasheet HTML 4Page - SpectraLinear Inc W255HT Datasheet HTML 5Page - SpectraLinear Inc W255HT Datasheet HTML 6Page - SpectraLinear Inc W255HT Datasheet HTML 7Page - SpectraLinear Inc W255HT Datasheet HTML 8Page - SpectraLinear Inc W255HT Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
W255
Rev 1.0, November 25, 2006
Page 6 of 9
)
)
RT =120
Receiver
60W
60W
VCC
VCC
Device
Under
Test
Figure 1. Differential Signal Using Direct Termination Resistor
Figure 1 shows the differential clock directly terminated by a 120 resistor.
Out
Out
VTR
VCP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com