Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-6
Description  Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-6 Datasheet HTML 1Page - Analog Devices LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1064-4
3
10644fb
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, 50:1, fCLK = 1MHz, fC = 20kHz, R1 = 10k, TTL clock input
level unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output DC Offset
VS = ±7.5V
± 50
±160
mV
Output DC Offset TempCo
VS = ±5V
–100
µV/°C
VS = ±7.5V
–200
µV/°C
Input Impedance
913
kΩ
Output Impedance
fOUT = 10kHz
2
Ω
Output Short-Circuit Current
Source/Sink
3/1
mA
Clock Feedthrough
Input = GND
200
µVRMS
Maximum Clock Frequency
VS = ±7.5V, 50% Duty Cycle (Note 3)
5
MHz
Power Supply Current
VS = ±2.37V, fCLK = 1MHz
●
11
22
mA
VS = ±5V, fCLK = 1MHz
14
23
mA
●
26
mA
VS = ±7.5V, fCLK = 1MHz
17
28
mA
●
32
mA
Power Supply Voltage Range
●
±2.37
±8V
Gain vs Frequency
Passband Phase Shift vs
Frequency
Passband Group Delay
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: For tighter passband ripple specifications please consult with
LTC’s marketing.
Note 3: Not tested, guaranteed by design.
FREQUENCY (kHz)
220
200
180
160
140
120
100
80
60
40
20
0
1064-4 G03
06
10 12 14 16 18 20 22
24
8
VS = ±7.5V
TA = 25°C
fC = 20kHz
fCLK = 1MHz, 50:1
FREQUENCY (kHz)
06
–45
0
45
90
135
180
225
270
315
360
405
450
10 12 14 16 18 20 22
1064-4 G02
24
8
VS = ±7.5V
TA = 25°C
fC = 20kHz
fCLK = 1MHz, 50:1
FREQUENCY (Hz)
10k
15
0
–15
–30
–45
–60
–75
–90
–105
100k
1M
1064-4 G01
VS = ±7.5V
TA = 25°C
fCLK = 2MHz, 50:1
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com