Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

737 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 737
Description  GROMMETS, BUMPERS & BUSHINGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

737 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  737 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO
9002
T I
F I ED
Q
U A L
I
31-07 20th Road • Astoria, New York 11105-2017 • (718) 956-8900 • FAX (718) 956-9040
e-mail: kec@keyelco.com • WebSite: keyelco.com
GROMMETS, BUMPERS & BUSHINGS
RUBBER GROMMETS
NYLON INSULATED BUSHINGS
84
RECESSED BUMPERS
I.D.
For Hole
For Panel
CAT. NO.
A
B
C
D
E
730
.125
.187
.062
.312
.187
733
.125
.250
.062
.343
.187
734
.125
.437
.062
.625
.187
735
.125
.375
.093
.500
.312
736
.187
.312
.062
.437
.218
731
.187
.312
.062
.437
.218
737
.187
.281
.093
.437
.218
738
.250
.437
.062
.625
.187
739
.250
.375
.062
.562
.250
740
.250
.375
.093
.500
.250
741
.312
.562
.062
.812
.312
742
.312
.437
.062
.625
.281
743
.312
.437
.093
.625
.312
744
.375
.625
.062
.875
.312
745
.375
.500
.062
.625
.250
732
.437
.562
.062
.750
.250
746
.437
.687
.062
.937
.312
747
.500
.812
.062
1.062
.312
748
.500
1.250
.062
1.500
.250
749
.500
.750
.093
.968
.281
750
.562
.812
.062
1.062
.312
752
.625
.875
.062
1.125
.312
753
.625
1.250
.062
1.500
.250
755
.750
1.062
.062
1.375
.375
756
.750
1.437
.062
1.812
.375
757
.875
1.250
.062
1.625
.437
HOLE
MAXIMUM
A
B
C
CAT. NO.
SIZE
CHASSIS
INSIDE
HEAD
OVERALL
REQUIRED
THICKNESS
DIA.
DIA.
HEIGHT
8470
.250
.062
.125
.312
.312
8471
.312
.062
.187
.375
.312
8472
.375
.125
.250
.468
.406
8473
.437
.125
.312
.531
.406
8474
.500
.125
.375
.578
.406
8475
.562
.125
.437
.656
.406
8476
.625
.125
.500
.718
.406
8477
.750
.125
.562
.843
.406
8478
.875
.125
.625
.953
.453
8479
1.000
.125
.750
1.125
.453
8480
1.187
.125
.937
1.312
.453
8481
1.250
.125
.937
1.359
.453
8482
1.375
.125
1.000
1.468
.453
8483
1.500
.125
1.062
1.609
.453
8484
1.750
.125
1.375
1.875
.453
8485
2.000
.125
1.625
2.125
.453
8486
2.500
.250
1.968
2.656
.718
Screw
CAT. NO.
FIG.
A
B
C
D
E
Size
720
1
.500
.250
.250
.187
.125
#4
721
1
.625
.312
.250
.187
.125
#4
722
1
.718
.437
.250
.218
.125
#4
723
2
.937
.375
.375
.187
.187
#8
*724
3
.687
.250
.343
.125
.155
#6
*725
3
.875
.312
.406
.125
.187
#8
*726
3
1.062
.437
.468
.234
.200
#10
727
3
.562
.375
.218
.187
.115
#4
728
3
.750
.437
.265
.250
.148
#6
729
3
.937
.625
.359
.297
.174
#8
Ideal for electrical insulation and mechanical damping. Made from BUNA S.
Snaps into panel hole to provide protection for wire, cable and tubing from
sharp uneven edges.
Provides excellent traction and shock absorbing qualities. available with or
without Mold-in Washers.
MATERIAL: Rubber, BUNA S (figs. 1 & 2), Vinyl (fig. 3)
NYLON SPLIT BUSHINGS
HOLE
A
B
CAT. NO.
SIZE
INSIDE
HEAD
REQUIRED
DIA.
DIA.
8490
.375
.265
.421
8491
.500
.312
.562
8492
.562
.390
.640
8493
.625
.453
.687
8494
.750
.546
.796
8495
.875
.671
.921
8496
1.000
.796
1.062
MATERIAL: Nylon 6/6, Black
“UNIVERSAL” RUBBER GROMMET
CAT. NO. 777
MATERIAL: Black Thermoplastic Rubber
MATERIAL: Nylon 6/6, Black
Designed to be assembled into holes that already contain wire or cable. Versatile bushing
can be used on all chassis from .032 to .125 thick.
SELF-LOCKING BUMPER FOOT
CAT. NO. 717
• A unique easy-to-install self-locking bumper foot • Vibration absorbing and skid resistant
• Two piece assembly, furnished pre-assembled
• Mounts without screws or tools
MATERIAL
Foot: Santoprene, Black
Pin: Polypropylene, Black
Recommended Mounting Hole: .305 dia.
*Grey - all others black
FIG. 1
FIG. 2
FIG. 3
Designed to adjust to different wire, cable or tubing diameters from .125 to .312
• Self-adjusting membrane forms a dust resistant seal
• Installs in .500 diameter hole in .062 thick
panels or boards
• Molded outer ring retains grommet in place


Similar Part No. - 737

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
737 ETC2-737 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Oscilent Corporation
737 OSCILENT-737 Datasheet
139Kb / 2P
450 KHz 6 Element
logo
Adafruit Industries
737 ADAFRUIT-737 Datasheet
178Kb / 3P
Power Distribution Bus - 7 x 6mm diameter solid brass
11/30/2015
logo
Keystone Electronics Co...
737 KEYSTONE-737 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
EDAC, All Rights Reserv...
737-005-520-101 EDAC-737-005-520-101 Datasheet
76Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
AUG.28/09
More results

Similar Description - 737

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
G1123 ETC2-G1123 Datasheet
80Kb / 2P
Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
SNAP BUSHINGS CLOSED
RBS-15 RICHCO-RBS-15 Datasheet
185Kb / 1P
RICHCO BUMPERS
logo
List of Unclassifed Man...
G1418 ETC2-G1418 Datasheet
74Kb / 1P
Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
G1349 ETC2-G1349 Datasheet
81Kb / 2P
Heyco Rubber Grommets
G1329 ETC2-G1329 Datasheet
81Kb / 2P
Heyco Rubber Grommets
G1423 ETC2-G1423 Datasheet
81Kb / 2P
Heyco Rubber Grommets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com