Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067CS Datasheet(PDF) 18 Page - Analog Devices

Part # LTC1067CS
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1067CS Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC1067CS Datasheet HTML 12Page - Analog Devices LTC1067CS Datasheet HTML 13Page - Analog Devices LTC1067CS Datasheet HTML 14Page - Analog Devices LTC1067CS Datasheet HTML 15Page - Analog Devices LTC1067CS Datasheet HTML 16Page - Analog Devices LTC1067CS Datasheet HTML 17Page - Analog Devices LTC1067CS Datasheet HTML 18Page - Analog Devices LTC1067CS Datasheet HTML 19Page - Analog Devices LTC1067CS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1067/LTC1067-50
TYPICAL APPLICATIONS
1kHz Linear Phase Bandpass Filter
LTC1067
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
R32, 53.6k
R42, 80.6k
R22, 10k
R61
40.2k
R51
4.99k
R31, 56.2k
R21, 10k
R11
60.4k
RB1, 36.5k
VOUT
100kHz
–5V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
0.1
µF
0.1
µF
5V
VIN
1067 TA06a
VS
±5V 5V (OR ±2.5V) 3V (OR ±1.5V)
MAXIMUM
FREQUENCY
5kHz
2.5kHz
2.2kHz
CENTER
Gain and Group Delay vs Frequency
FREQUENCY (Hz)
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
3.0
2.5
2.0
1.5
1.0
0.5
0
1067 TA06b
600
760
920
1080
1240
1400
GAIN
DELAY
INPUT
(500mV/DIV)
OUTPUT
(50mV/DIV)
1067 TA06c
5ms/DIV
Sine Burst Response
Single Supply, 4th Order Bandpass Filter
fCENTER = fCLK/64, – 3dB BW = fCENTER/20
LTC1067-50
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
R32, 255k
R62
8.66k
R52
4.99k
R22, 4.99k
R61
7.32k
R51
4.99k
R31, 255k
R21, 4.99k
RB1, 115k
VOUT
64kHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
µF
0.1
µF
1067 TA07a
VS
MAXIMUM fCENTER
SINGLE 5V
12kHz
SINGLE 3.3V
7.5kHz
SINGLE 3V
5.5kHz
NOISE
VS
(FILTER INPUT AT V+/2)
SINGLE 5V
426
µVRMS
SINGLE 3.3V
333
µVRMS
SINGLE 3V
290
µVRMS
R11
267k
5V
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com