Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON113382 Datasheet(PDF) 1 Page - Glamox

Part # MON113382
Description  MONITOR1-S IP65 GR 650E/Z CR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON113382 Datasheet(HTML) 1 Page - Glamox

  MON113382 Datasheet HTML 1Page - Glamox MON113382 Datasheet HTML 2Page - Glamox MON113382 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
MONITOR1-S IP65 GR 650
E/Z CR
E / Z means that this device should be connected to an
external power source in the emergency operation mode.
The backup duration time and testing in accordance with
European requirements depend on the central system.
Lighting control, device control and luminaire test cycles
are done with the use of perimeter monitoring, via power
cables, without the individual addressing of the luminaires.
Item No.
MON113382
GTIN
5903531133825
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Main Feed DC (V) Min
220
Total Consumption (W)
9
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
40
IK classification
07
IP classification
65
Light Technical Data
Light source
LED
Lumen Out (lm)
850
Lumen Per Watt (lm/W)
94,44
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
M-NM: Maintained/Non-Maintained
Lifetime
LED Lifetime L70B50 Ta25 (h)
100 000
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L90B50 Ta25 (h)
100 000
Emergency
Emergency Type
Z = central battery
Lumen Out In Emergency (lm)
850
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey


Similar Part No. - MON113382

ManufacturerPart #DatasheetDescription
logo
Glamox
MON113380 GLAMOX-MON113380 Datasheet
186Kb / 3P
MONITOR1-S IP65 GR 650E/Z CR
MON113384 GLAMOX-MON113384 Datasheet
186Kb / 3P
MONITOR1-S IP65 GR 650E/Z NB
More results

Similar Description - MON113382

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
CR TIMER
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
CR TIMER
logo
Rohm
BA225 ROHM-BA225 Datasheet
73Kb / 6P
CR timer
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
cr networks
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
CR timer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com