Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON545896 Datasheet(PDF) 1 Page - Glamox

Part # MON545896
Description  MONITOR1-S IP65 GR 430E1/ST NB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON545896 Datasheet(HTML) 1 Page - Glamox

  MON545896 Datasheet HTML 1Page - Glamox MON545896 Datasheet HTML 2Page - Glamox MON545896 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
MONITOR1-S IP65 GR 430
E1/ST NB
E1 / ST means that this item has a built-in emergency light
for minimum 1 hour duration. It tests itself according to
European emergency light standards. Indicator LEDs on the
product communicate the test results.
Item No.
MON545896
GTIN
5901155458966
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
4
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
40
IK classification
07
IP classification
65
Light Technical Data
Light source
LED
Lumen Out (lm)
430
Lumen Per Watt (lm/W)
107,5
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
100 000
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L90B50 Ta25 (h)
100 000
Emergency
Emergency Type
ST = Self test
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Lumen Out In Emergency (lm)
430
Battery Type
NiMh
Battery Form
Stick
Battery mAh
2200
Battery Voltage (V)
4.8
Battery Sparepart No
SP-MY-413-M22H14Z
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey
Dimensions
Length (mm)
356
Width (mm)
156
Height (mm)
60
Item Net Weight (kg)
0.9752
Cable Inlet
Cable Gland
M20-Polyamide
Number of Glands
2


Similar Part No. - MON545896

ManufacturerPart #DatasheetDescription
logo
Glamox
MON545909 GLAMOX-MON545909 Datasheet
200Kb / 3P
MONITOR1-S IP65 GR 430E1/ST MB
MON545916 GLAMOX-MON545916 Datasheet
200Kb / 3P
MONITOR1-S IP65 GR 430E1/ST WB
MON545922 GLAMOX-MON545922 Datasheet
207Kb / 3P
MONITOR1-S IP65 GR 430E1/S NB
MON545934 GLAMOX-MON545934 Datasheet
207Kb / 3P
MONITOR1-S IP65 GR 430E1/S MB
MON545940 GLAMOX-MON545940 Datasheet
207Kb / 3P
MONITOR1-S IP65 GR 430E1/S WB
More results

Similar Description - MON545896

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
List of Unclassifed Man...
N-4B-BK ETC-N-4B-BK Datasheet
94Kb / 1P
CABLE CLAMPS, NB SERIES
logo
AVX Corporation
NB12MC0221JBA AVX-NB12MC0221JBA Datasheet
200Kb / 5P
NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
NB12P00104JBB AVX-NB12P00104JBB Datasheet
200Kb / 5P
NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
logo
Omron Electronics LLC
NB5Q-TW00B OMRON-NB5Q-TW00B Datasheet
3Mb / 13P
NB PROGRAMMABLE TERMINAL SERIES
logo
Richco, Inc.
N-14B RICHCO-N-14B Datasheet
93Kb / 1P
CABLE CLAMPS, NB SERIES
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
Richco, Inc.
N-2B RICHCO-N-2B Datasheet
94Kb / 1P
CABLE CLAMPS, NB SERIES
logo
List of Unclassifed Man...
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
logo
HARTING Technology Grou...
09-00-000-5340 HARTING-09-00-000-5340 Datasheet
459Kb / 2P
ZUGENTLASTUNGSSCHELLE-GR F.KON
2021-10-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com