Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON545909 Datasheet(PDF) 1 Page - Glamox

Part # MON545909
Description  MONITOR1-S IP65 GR 430E1/ST MB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON545909 Datasheet(HTML) 1 Page - Glamox

  MON545909 Datasheet HTML 1Page - Glamox MON545909 Datasheet HTML 2Page - Glamox MON545909 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
MONITOR1-S IP65 GR 430
E1/ST MB
E1 / ST means that this item has a built-in emergency light
for minimum 1 hour duration. It tests itself according to
European emergency light standards. Indicator LEDs on the
product communicate the test results.
Item No.
MON545909
GTIN
5901155459093
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
4
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
40
IK classification
07
IP classification
65
Light Technical Data
Light source
LED
Lumen Out (lm)
430
Lumen Per Watt (lm/W)
107,5
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
100 000
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L90B50 Ta25 (h)
100 000
Emergency
Emergency Type
ST = Self test
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Lumen Out In Emergency (lm)
430
Battery Type
NiMh
Battery Form
Stick
Battery mAh
2200
Battery Voltage (V)
4.8
Battery Sparepart No
SP-MY-413-M22H14Z
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey
Dimensions
Length (mm)
356
Width (mm)
156
Height (mm)
60
Item Net Weight (kg)
0.9752
Cable Inlet
Cable Gland
M20-Polyamide
Number of Glands
2


Similar Part No. - MON545909

ManufacturerPart #DatasheetDescription
logo
Glamox
MON545916 GLAMOX-MON545916 Datasheet
200Kb / 3P
MONITOR1-S IP65 GR 430E1/ST WB
MON545922 GLAMOX-MON545922 Datasheet
207Kb / 3P
MONITOR1-S IP65 GR 430E1/S NB
MON545934 GLAMOX-MON545934 Datasheet
207Kb / 3P
MONITOR1-S IP65 GR 430E1/S MB
MON545940 GLAMOX-MON545940 Datasheet
207Kb / 3P
MONITOR1-S IP65 GR 430E1/S WB
MON545944 GLAMOX-MON545944 Datasheet
203Kb / 3P
MONITOR1-S IP65 GR 430E/Z NB
More results

Similar Description - MON545909

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Jun-2004
logo
List of Unclassifed Man...
MEDM5186 ETC-MEDM5186 Datasheet
421Kb / 4P
Data sales from 1 mb/s to 50 mb/s very low usage current
logo
JDS Uniphase Corporatio...
EDR512BTL JDSU-EDR512BTL Datasheet
217Kb / 7P
Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
logo
Analog Devices
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
logo
California Eastern Labs
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
Analog Devices
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
Bothhand USA, LP.
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s applications
16ST0009P-LF BOTHHAND-16ST0009P-LF Datasheet
158Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com