Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON545944 Datasheet(PDF) 2 Page - Glamox

Part # MON545944
Description  MONITOR1-S IP65 GR 430E/Z NB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON545944 Datasheet(HTML) 2 Page - Glamox

  MON545944 Datasheet HTML 1Page - Glamox MON545944 Datasheet HTML 2Page - Glamox MON545944 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
2/3
Dimensions
Length (mm)
356
Width (mm)
156
Height (mm)
60
Item Net Weight (kg)
0.9752
Cable Inlet
Cable Gland
M20-Polyamide
Number of Glands
2
Logistic Data
Item Gross Weight (kg)
1.06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com