Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON545948 Datasheet(PDF) 1 Page - Glamox

Part # MON545948
Description  MONITOR1-S IP65 GR 430E/Z WB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON545948 Datasheet(HTML) 1 Page - Glamox

  MON545948 Datasheet HTML 1Page - Glamox MON545948 Datasheet HTML 2Page - Glamox MON545948 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
MONITOR1-S IP65 GR 430
E/Z WB
E / Z means that this device should be connected to an
external power source in the emergency operation mode.
The backup duration time and testing in accordance with
European requirements depend on the central system.
Lighting control, device control and luminaire test cycles
are done with the use of perimeter monitoring, via power
cables, without the individual addressing of the luminaires.
Item No.
MON545948
GTIN
5901155459482
Stock status code
A
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Main Feed DC (V) Min
220
Total Consumption (W)
4
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
40
IK classification
07
IP classification
65
Light Technical Data
Light source
LED
Lumen Out (lm)
430
Lumen Per Watt (lm/W)
107,5
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
100 000
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L90B50 Ta25 (h)
100 000
Emergency
Emergency Type
Z = central battery
Lumen Out In Emergency (lm)
430
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey


Similar Part No. - MON545948

ManufacturerPart #DatasheetDescription
logo
Glamox
MON545940 GLAMOX-MON545940 Datasheet
207Kb / 3P
MONITOR1-S IP65 GR 430E1/S WB
MON545944 GLAMOX-MON545944 Datasheet
203Kb / 3P
MONITOR1-S IP65 GR 430E/Z NB
MON545947 GLAMOX-MON545947 Datasheet
203Kb / 3P
MONITOR1-S IP65 GR 430E/Z MB
More results

Similar Description - MON545948

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
FCI connector
HM1L44ABP000H6PLF FCI-CONNECTOR-HM1L44ABP000H6PLF Datasheet
231Kb / 2P
METRAL RA HDR WB CONVERGE
C-8626-0157 FCI-CONNECTOR-C-8626-0157 Datasheet
231Kb / 2P
METRAL RA HDR WB CONVERGE
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
PHOENIX CONTACT
1583636 PHOENIX-1583636 Datasheet
67Kb / 4P
Housing - VC-AL-T2-Z-M20-S
1583649 PHOENIX-1583649 Datasheet
67Kb / 4P
Housing - VC-AL-T2-Z-M25-S
1583678 PHOENIX-1583678 Datasheet
67Kb / 4P
Housing - VC-AL-T3-Z-M25-S
1583733 PHOENIX-1583733 Datasheet
67Kb / 4P
Housing - VC-AL-T4-Z-M25-S
1583759 PHOENIX-1583759 Datasheet
67Kb / 4P
Housing - VC-AL-T4-Z-M32-S
logo
HARTING Technology Grou...
09-00-000-5340 HARTING-09-00-000-5340 Datasheet
459Kb / 2P
ZUGENTLASTUNGSSCHELLE-GR F.KON
2021-10-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com