Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2125CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2125CS Datasheet HTML 1Page - Intersil Corporation EL2125CS Datasheet HTML 2Page - Intersil Corporation EL2125CS Datasheet HTML 3Page - Intersil Corporation EL2125CS Datasheet HTML 4Page - Intersil Corporation EL2125CS Datasheet HTML 5Page - Intersil Corporation EL2125CS Datasheet HTML 6Page - Intersil Corporation EL2125CS Datasheet HTML 7Page - Intersil Corporation EL2125CS Datasheet HTML 8Page - Intersil Corporation EL2125CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN7045.3
May 4, 2007
FIGURE 5. NON-INVERTING FREQUENCY RESPONSE vs GAIN
FIGURE 6. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS GAIN
FIGURE 7. INVERTING FREQUENCY RESPONSE vs GAIN
FIGURE 8. INVERTING FREQUENCY RESPONSE vs GAIN
FIGURE 9. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS OUTPUT SIGNAL LEVELS
FIGURE 10. INVERTING FREQUENCY RESPONSE FOR
VARIOUS OUTPUT SIGNAL LEVELS
Typical Performance Curves (Continued)
-5
0
5
1M
10M
100M 200M
FREQUENCY (Hz)
VS = ±5V
RL = 500Ω
CL = 5pF
RG = 20Ω
AV = 50
AV = 20
AV = 10
-5
0
5
VS = ±15V
RL = 500Ω
CL = 5pF
RF = 700Ω
1M
10M
100M 200M
FREQUENCY (Hz)
AV = 50
AV = 20
AV = 10
6
2
-2
-6
-10
1M
10M
100M
300M
FREQUENCY (Hz)
-14
AV = -10
AV = -50
VS = ±5V
RL = 500Ω
CL = 5pF
RG = 35Ω
2
AV = -20
-14
0
6
1M
10M
100M
300M
FREQUENCY (Hz)
AV = -50
AV = -20
AV = -10
VS = ±15V
RL = 500Ω
CL = 5pF
RG = 50Ω
-5
5
0
1M
10M
100M 200M
FREQUENCY (Hz)
VS = ±5V
AV = 10
RF = 180Ω
RL = 500Ω
CL = 5pF
2VPP
4VPP
30mVPP
500mVPP
1VPP
-14
6
0
1M
10M
100M
300M
FREQUENCY (Hz)
VS = ±5V
AV = -10
RF = 350Ω
RL = 500Ω
CL = 5pF
2.5VPP
500mVPP
3.3VPP
250mVPP
3mVPP
1VPP
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com