Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSMA1012 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMSMA1012
Description  2400-2500/ 5150-5825 MHz, 4.35/3.24 dBi, Stamped Metal AP/Router Embedded Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSMA1012 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSMA1012 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSMA1012 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSMA1012 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV
Page 1 of 3
Copyright © 2020
Fairview Microwave’s FMSMA1012 is a linear polarized antenna that ships same day
from our ISO 9001:2015 certified facility. The FMSMA1012 is a dual band antenna
operating from 2400 to 2500 MHz with 4.35 dBi gain and 5150 to 5825 MHz
with 3.24 dBi gain. This stamped metal antenna has a nominal gain of 3.24 dBi.
Fairview Microwave’s stamped metal antenna with a 2400 to 5825 MHz
frequency range has a maximum input VSWR of 2. The FMSMA1012
antenna has an overall length of 1.45 inches and a width of 0.06
inches. This omni directional antenna has an impedance of 50 Ohms.
Additional dimensions and specifications for these stamped metal antennas are
on our downloadable PDF datasheet above. Our technical experts are on hand
to assist you with any inquiries. Use our online ordering system to purchase
your FMSMA1012 antenna 24 hours a day with same-day shipping and no MOQs
(minimum order quantities).
Configuration
Design
Stamped Metal
Gain
3.24 dBi
Polarization
Linear
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
2,400
5,825
MHz
Input VSWR
2:1
Impedance
50
Ohms
Gain
3.24
4.35
dBi
Input Power
1
Watt
Specifications by Frequency
Description
Band 1 Band 2 Band 3 Band 4 Band 5
Units
Range
2.4-2.5 5.15-5.825
GHz
Gain
4.35
3.24
dBi
Mechanical Specifications
Size
Length
1.45 in [36.83 mm]
Width
0.06 in [1.52 mm]
Height
0.29 in [7.37 mm]
.
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
FMSMA1012
DATA SHEET
2400-2500/ 5150-5825 MHz, 4.35/3.24 dBi,
Stamped Metal AP/Router Embedded Antenna
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• High Efficiency
• Isotropic radiation patterns
• Linear polarization
• Ultra-Compact design
• Low loss material -
Nickel-Plated brass
• Extended operating
temperatures
• Case mounting or on
board mount
• Dual band frequency stabilization
• Single piece for easy buy
Applications:
• IoT, M2M, Telemetry
• Wireless Remote Control
• Personal Area Networks(PAN)
• Industrial/Commercial
Equipment
• 2.4/5 GHz - Wi-Fi/BT/BLE/
ZigBee/ISM applications
• IEEE802.11a/b/g/n/ac
embedded applications
• Remote Technology / Monitoring
• Consumer Tracking
• Smart Home / Wearables
/ Devices
• Agriculture, healthcare,
digital signage


Similar Part No. - FMSMA1012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSMA1012-50PK FAIRVIEW-FMSMA1012-50PK Datasheet
441Kb / 3P
2400- 2500/ 5150- 5825 MHz, 4.35/3.24 dBi, Stamped Metal AP/Router Embedded Antenna-50 Pack
A
More results

Similar Description - FMSMA1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51080 PASTERNACK-PE51080 Datasheet
73Kb / 1P
Duck Antenna 2400-2500 & 4900-5825 MHz, 2dBi
PE51082 PASTERNACK-PE51082 Datasheet
72Kb / 1P
Rubber Duck Antenna 2400-2500 & 4900-5825 MHz, 2dBi
PE51083 PASTERNACK-PE51083 Datasheet
262Kb / 1P
Duck Antenna 2400-2500 & 4900-5825 MHz, 2dBi
PE51087 PASTERNACK-PE51087 Datasheet
312Kb / 1P
Duck Antenna 2400-2500 & 4900-5825 MHz, 2.5dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
TE Connectivity Ltd
4-1982564-1 TEC-4-1982564-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
2108517-2 TEC-2108517-2 Datasheet
535Kb / 2P
DUAL BAND WiFi (2400-2500 &5150-5875MHz) ANTENNA, STAMPED METAL, SMD
2195630-1 TEC-2195630-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com