Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

411 Datasheet(PDF) 1 Page - Eclipse Magnetics Ltd

Part # 411
Description  Toolmakers Clamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPSEMAGNETICS [Eclipse Magnetics Ltd]
Direct Link  https://www.eclipsemagnetics.com/
Logo ECLIPSEMAGNETICS - Eclipse Magnetics Ltd

411 Datasheet(HTML) 1 Page - Eclipse Magnetics Ltd

  411 Datasheet HTML 1Page - Eclipse Magnetics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Jaw length
Jaw size
Opening
Model
(mm)
(in)
(mm)
(in)
(mm)
(in)
410
50
2
8.0
5
⁄16
25
1
411
75
3
11.1
7
⁄16
38
11⁄2
412
100
4
14.8
9
⁄16
63
21⁄2
413
125
5
17.5
11
⁄16
89
31⁄2
Price Each
Model
Order code
410
137-3908
411
137-3909
412
137-3910
413
137-3911
These clamps are made of steel, case hardened with ground flat faces.
488364
Toolmakers Clamps


Similar Part No. - 411

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
411 GAMEWELL-FCI-411 Datasheet
175Kb / 4P
Slave Digital Alarm Communicator Transmitter
logo
Willow Technologies Ltd
411 WILLOW-411 Datasheet
146Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
3M Electronics
411 3M-411 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
411 MARATHON-411 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Adafruit Industries
411 ADAFRUIT-411 Datasheet
85Kb / 1P
2.1mm to 1.7mm DC jack adapter
5-5-17
More results

Similar Description - 411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
536QC ETC2-536QC Datasheet
40Kb / 1P
Bar Clamps
I410 ETC2-I410 Datasheet
136Kb / 2P
Current Clamps
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
E CLAMPS
logo
Ohmite Mfg. Co.
RES-PFE-PFR OHMITE-RES-PFE-PFR Datasheet
337Kb / 2P
Clamps, movable along resistor
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
Nylon Cable Clamps, Adjustable
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com