Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD126-GW-R005E Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PSD126-GW-R005E
Description  Riedon™ SMD Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSD126-GW-R005E Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PSD126-GW-R005E Datasheet HTML 1Page - Bourns Electronic Solutions PSD126-GW-R005E Datasheet HTML 2Page - Bourns Electronic Solutions PSD126-GW-R005E Datasheet HTML 3Page - Bourns Electronic Solutions PSD126-GW-R005E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
How To Order
PSD126 - F W - R005 E
Model
PSD126
Resistance Tolerance
F = ±1 %
G = ±2 %
J = ±5 %
TCR (PPM/°C)
W = ±500
Z = ±400
V = ±300
X = ±100
Resistance Value Code
<100 Ω: “R” represents decimal point
(example: R005 = 0.005 Ω, 5R00 = 5.00 Ω)
≥100 Ω: First three digits are significant;
fourth digit represents number of zeroes to follow.
(example: 2501 = 2500 Ω)
Packaging
E = Embossed Tape (500 pcs.) on 7-inch plastic reel
Popular Resistance Values
Code Resistance
Value
Code Resistance
Value
Code Resistance
Value
R025
0.025 Ω
1R00
1.00 Ω
1001
1000 Ω
R050
0.050 Ω
2R00
2.00 Ω
1501
1500 Ω
R075
0.075 Ω
5R00
5.00 Ω
2001
2000 Ω
R100
0.100 Ω
10R0
10.00 Ω
2501
2500 Ω
R200
0.200 Ω
25R0
25.00 Ω
5001
5000 Ω
R250
0.250 Ω
30R0
36.00 Ω
7501
7500 Ω
R300
0.300 Ω
47R0
47.00 Ω
R360
0.360 Ω
50R0
50.00 Ω
R500
0.500 Ω
Temperature Coefficient Chart
2000
1000
0
-1000
-2000
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
+10 PPM/°C
-10 PPM/°C
+5 PPM/°C
-5 PPM/°C
NOMINAL
Δ R/R
REV. 11/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Information
13-inch reel.....................................................................500 pcs. per reel
Typical Part Marking
PSD126
2501 1%
MANUFACTURER’S
TRADEMARK
MODEL
RESISTANCE CODE:
FIRST THREE DIGITS
ARE SIGNIFICANT;
FOURTH REPRESENTS
NUMBER OF ZEROES
TO FOLLOW
RESISTANCE
TOLERANCE
PSD126 Series – Riedon™ SMD Power Resistors by Bourns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com