Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD126-FV-R005E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PSD126-FV-R005E
Description  Riedon™ SMD Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSD126-FV-R005E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PSD126-FV-R005E Datasheet HTML 1Page - Bourns Electronic Solutions PSD126-FV-R005E Datasheet HTML 2Page - Bourns Electronic Solutions PSD126-FV-R005E Datasheet HTML 3Page - Bourns Electronic Solutions PSD126-FV-R005E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSD126 Series – Riedon™ SMD Power Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistance values as low as 0.025 Ω
n
Power rating to 25 watts
n
Load stability to ±0.5 %
n
TO-126 housing
n
Thick film technology
n
High reliability
Applications
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
Specifications
Bourns Model
PSD126
Resistance Range (Ω)
0.025 to 0.049 0.05 to 0.099 0.1 to 0.99
1 to 10k
Power Rating (W)
@ 70 °C with Heat SInk
25
Tolerance (%)
2 / 5
1 / 2 / 5
TCR (PPM/°C)
±500
±400
±300
±100
Dielectric Withstanding
Voltage
2000 VDC
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Additional Information
Click these links for more information:
Environmental Characteristics
Specification
Value
Operating Temperature
-40 °C to +175 °C
Thermal Resistance
6.0 K/W
Storage Conditions
Temperature
Humidity
+5 °C to +35 °C
40 % to 75 %
Moisture Sensitivity Level
1
Current Rating Thermal Derating Curve
120
100
80
60
40
20
0
0
25
85
55
40
70
100 115 130 145
175
155
TEMPERATURE OF THE BACKPLATE (°C)
These resistors must be attached to a suitable heat sink. The maximum
internal resistor temperature is +175 °C.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc., including its logo and trademarks and the right to continue to manufacture
former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com


Similar Part No. - PSD126-FV-R005E

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD12 PROTEC-PSD12 Datasheet
85Kb / 4P
DEVICE CHARACTERISTICS
PSD12 PROTEC-PSD12 Datasheet
75Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD12 PROTEC-PSD12 Datasheet
172Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD12 PROTEC-PSD12 Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
PSD12 PROTEC-PSD12 Datasheet
776Kb / 8P
HIGH POWERED TVS ARRAY
More results

Similar Description - PSD126-FV-R005E

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPS2-T126 RIEDON-NPS2-T126 Datasheet
278Kb / 2P
Power SMD Resistors
logo
Tyco Electronics
35201K0JT MACOM-35201K0JT Datasheet
129Kb / 2P
SMD Power Resistors
logo
Bourns Electronic Solut...
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
logo
Riedon Powertron
NPS2-T126 RIEDON-NPS2-T126_13 Datasheet
177Kb / 2P
Power SMD Resistors
logo
List of Unclassifed Man...
3521470RFT ETC2-3521470RFT Datasheet
105Kb / 2P
SMD Power Resistors
3521330KFT ETC2-3521330KFT Datasheet
105Kb / 2P
SMD Power Resistors
logo
Riedon Powertron
NPS2-T126 RIEDON-NPS2-T126_16 Datasheet
180Kb / 2P
Power SMD Resistors
NPS2T-10RF1 RIEDON-NPS2T-10RF1 Datasheet
180Kb / 2P
Power SMD Resistors
NPS2T-100RF1 RIEDON-NPS2T-100RF1 Datasheet
180Kb / 2P
Power SMD Resistors
NPS2T-10KF1 RIEDON-NPS2T-10KF1 Datasheet
180Kb / 2P
Power SMD Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com