Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD2272H-GX-R005B1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PSD2272H-GX-R005B1
Description  Riedon™ Thick Film Power Resistors by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSD2272H-GX-R005B1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PSD2272H-GX-R005B1 Datasheet HTML 1Page - Bourns Electronic Solutions PSD2272H-GX-R005B1 Datasheet HTML 2Page - Bourns Electronic Solutions PSD2272H-GX-R005B1 Datasheet HTML 3Page - Bourns Electronic Solutions PSD2272H-GX-R005B1 Datasheet HTML 4Page - Bourns Electronic Solutions PSD2272H-GX-R005B1 Datasheet HTML 5Page - Bourns Electronic Solutions PSD2272H-GX-R005B1 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PSD227x Series – Riedon™ Thick Film Power Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistances from 0.05 to 5M Ω
n
Resistance tolerances to ±1 %
n
TCR to ±50 PPM/°C
n
Power rating to 200 watts
n
TO-227 (TO-238) housing
n
High reliability
n
RoHS compliant*
Applications
n
Power supplies
n
Motor drives
n
Test and measurement
n
Capacitor discharging
n
Snubber circuits
n
Current limiting
Electrical Characteristics
Bourns Model
Power Rating
@ 70 ℃
with Heat Sink
Resistance
Range
(Ω)
TCR1
(PPM/°C)
Tolerance
Thermal
Resistance
Dielectric
Withstanding
Voltage
PSD2272,
PSD2274
100 W
0.05 to 0.09 Ω
±300
±2 %
±5 %
±10 %
0.7 K/W
1500 VDC
0.1 to 5 MΩ
±100
±1 %
±2 %
±5 %
±10 %
PSD2272H,
PSD2274H
200 W
0.05 to 0.09 Ω
±300
±2 %
±5 %
±10 %
0.35 K/W
0.1 to 5 MΩ
±100
±1 %
±2 %
±5 %
±10 %
1. ±50 PPM/℃ available upon request
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Additional Information
Click these links for more information:
Environmental Characteristics
Specification
Value
Operating Temperature
-40 °C to +155 °C
Inductivity
≤50 nH
Max. Torque
Backplate
Terminals
1.5 Nm
1.3 Nm
Storage Conditions
Temperature
Humidity
+5 °C to +35 °C
40 % to 75 %
Moisture Sensitivity Level
1
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc.,
including its logo and trademarks and the right to continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov
Americas: Tel: +1 951-781-5500
Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400
Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
www.bourns.com
2
4
3
1
PSD2272
10R0 1%
PSD2274
10R0 1%
Packaging Information
Bulk ...............................................50 pcs./box


Similar Part No. - PSD2272H-GX-R005B1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PSD220S BOURNS-PSD220S Datasheet
671Kb / 4P
Riedon™ SMD Power Resistors by Bourns
11/25
PSD220S-30 BOURNS-PSD220S-30 Datasheet
671Kb / 4P
Riedon™ SMD Power Resistors by Bourns
11/25
PSD220S-30-2000FS BOURNS-PSD220S-30-2000FS Datasheet
671Kb / 4P
Riedon™ SMD Power Resistors by Bourns
11/25
PSD220S-30-2000FT BOURNS-PSD220S-30-2000FT Datasheet
671Kb / 4P
Riedon™ SMD Power Resistors by Bourns
11/25
PSD220S-30-2000FV BOURNS-PSD220S-30-2000FV Datasheet
671Kb / 4P
Riedon™ SMD Power Resistors by Bourns
11/25
More results

Similar Description - PSD2272H-GX-R005B1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFC10 RIEDON-PFC10 Datasheet
235Kb / 3P
Thick Film Power SMD Resistors
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
Thick Film Power Resistors
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
Thick Film Power Resistors
logo
Riedon Powertron
PF2270 RIEDON-PF2270_15 Datasheet
284Kb / 2P
Thin & Thick Film Power Resistors
PF2272-0R5J1 RIEDON-PF2272-0R5J1 Datasheet
284Kb / 2P
Thin & Thick Film Power Resistors
PF2272-1KJ1 RIEDON-PF2272-1KJ1 Datasheet
284Kb / 2P
Thin & Thick Film Power Resistors
PF2272-10RJ1 RIEDON-PF2272-10RJ1 Datasheet
284Kb / 2P
Thin & Thick Film Power Resistors
PF2272-50RJ1 RIEDON-PF2272-50RJ1 Datasheet
284Kb / 2P
Thin & Thick Film Power Resistors
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
Thick Film Resistors
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
Thick Film Power Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com