Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD2272H-KX-R005B1 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PSD2272H-KX-R005B1
Description  Riedon™ Thick Film Power Resistors by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSD2272H-KX-R005B1 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PSD2272H-KX-R005B1 Datasheet HTML 1Page - Bourns Electronic Solutions PSD2272H-KX-R005B1 Datasheet HTML 2Page - Bourns Electronic Solutions PSD2272H-KX-R005B1 Datasheet HTML 3Page - Bourns Electronic Solutions PSD2272H-KX-R005B1 Datasheet HTML 4Page - Bourns Electronic Solutions PSD2272H-KX-R005B1 Datasheet HTML 5Page - Bourns Electronic Solutions PSD2272H-KX-R005B1 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Current Rating Thermal Derating Curve
120
100
80
60
40
20
0
50
85
75
100
115
130
145
155
TEMPERATURE OF THE BACKPLATE (°C)
How To Order
PSD227 2 H - F V - R005 B 1
Model
PSD227
Terminals
2
4
Power
(blank) = 100 W
H = 200 W
Resistance Tolerance
F = ±1 %
J = ±5 %
G = ±2 % K = ±10 %
TCR (PPM/°C)
V = ±300
X = ±100
Z = ±50
Resistance Value Code
<100 Ω: “R” represents decimal point
(example: R005 = 0.005 Ω, 5R00 = 5.00 Ω)
≥100 Ω: First three digits are significant,
fourth digit represents number of zeros to follow
(example: 1000 = 100 Ω, 5001 = 5000 Ω)
Packaging
B = bulk
Pin Configuration (see Pin Configuration diagrams)
(blank) = standard configuration
1 = 1-3 configuration
2 = 2-4 configuration
These resistors must be attached to a suitable heat sink. The maximum
internal resistor temperature is +175 °C.
Temperature Coefficient
7000
2000
-3000
-8000
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
100 PPM/°C
50 PPM/°C
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Typical Part Marking
PSD2272
10R0 1%
MANUFACTURER’S
TRADEMARK
MODEL
NUMBER OF
TERMINALS
RESISTANCE CODE:
“R” REPRESENTS
DECIMAL POINT
(EXAMPLES: R005 = 0.005 Ω,
10R0 = 10 Ω)
RESISTANCE
TOLERANCE
PSD227x Series – Riedon™ Thick Film Power Resistors by Bourns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com