Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

493775 Datasheet(PDF) 1 Page - Eclipse Magnetics Ltd

Part # 493775
Description  Hacksaw Blades
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPSEMAGNETICS [Eclipse Magnetics Ltd]
Direct Link  https://www.eclipsemagnetics.com/
Logo ECLIPSEMAGNETICS - Eclipse Magnetics Ltd

493775 Datasheet(HTML) 1 Page - Eclipse Magnetics Ltd

  493775 Datasheet HTML 1Page - Eclipse Magnetics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Size
Teeth
Price Each
(mm)
(in)
Per(in)
Order Code
250 x 13 x 0.65
10 x 1⁄2 x 0.025 18
137-3895
250 x 13 x 0.65
10 x 1⁄2 x 0.025 24
137-3896
250 x 13 x 0.65
10 x 1⁄2 x 0.025 32
137-3897
300 x 13 x 0.65
12 x 1⁄2 x 0.025 18
137-3898
300 x 13 x 0.65
12 x 1⁄2 x 0.025 24
137-3899
300 x 13 x 0.65
12 x 1⁄2 x 0.025 32
137-3901
Size
Teeth
Price Each
(mm)
(in)
Per(in)
Order Code
300 x 25 x 1.25
12 x 1 x 0.050
10
137-3914
300 x 25 x 1.25
12 x 1 x 0.050
14
137-3915
300 x 25 x 1.25
14 x 1 x 0.050
10
137-3916
300 x 25 x 1.25
14 x 1 x 0.050
14
137-3917
350 x 32 x 1.6
14 x 11⁄4 x 0.062 6
137-3918
350 x 32 x 1.6
14 x 11⁄4 x 0.062 10
137-3919
400 x 32 x 1.6
16 x 11⁄4 x 0.062 6
137-3920
400 x 32 x 1.6
16 x 11⁄4 x 0.062 10
137-3921
400 x 40 x 2.0
16 x 11⁄2 x 0.075 6
137-3922
450 x 32 x 1.6
18 x 11⁄4 x 0.062 6
137-3923
450 x 32 x 1.6
18 x 11⁄4 x 0.062 10
137-3925
450 x 40 x 2.0
18 x 1⁄2 x 0.075 6
137-3926
525 x 40 x 2.0
21 x 11⁄2 x 0.075 6
137-3927
525 x 45 x 2.5
21 x 13⁄4 x 0.088 6
137-3928
Size
Teeth
Price Each
(mm)
(in)
Per(in)
Order Code
250 x 13 x 0.65
10 x 1⁄2 x 0.025 18
137-3902
250 x 13 x 0.65
10 x 1⁄2 x 0.025 24
137-3903
300 x 13 x 0.65
12 x 1⁄2 x 0.025 14
137-3904
300 x 13 x 0.65
12 x 1⁄2 x 0.025 18
137-3905
300 x 13 x 0.65
12 x 1⁄2 x 0.025 24
137-3906
300 x 13 x 0.65
12 x 1⁄2 x 0.025 32
137-3907
Size
Teeth
Price Each
(mm)
(in)
Per(in)
Order Code
250 x 13 x 0.65
10 x 1⁄2 x 0.025 18
137-3887
250 x 13 x 0.65
10 x 1⁄2 x 0.025 24
137-3888
300 x 13 x 0.65
12 x 1⁄2 x 0.025 14
137-3889
300 x 13 x 0.65
12 x 1⁄2 x 0.025 18
137-3890
300 x 13 x 0.65
12 x 1⁄2 x 0.025 24
137-3892
300 x 13 x 0.65
12 x 1⁄2 x 0.025 32
137-3893
Size
Teeth
Price Each
(mm)
(in)
Per(in)
Order Code
300 x 16 x 0.8
12 x 5⁄8 x 0.032 14
137-3856
300 x 16 x 0.8
12 x 5⁄8 x 0.032 18
137-3858
300 x 16 x 0.8
12 x 5⁄8 x 0.032 24
137-3859
300 x 25 x 1.25
12 x 1 x 0.050
10
137-3860
300 x 25 x 1.25
12 x 1 x 0.050
14
137-3861
350 x 25 x 1.25
14 x 1 x 0.050
10
137-3862
350 x 25 x 1.25
14 x 1 x 0.050
14
137-3864
350 x 32 x 1.6
14 x 11⁄4 x 0.062 6
137-3865
350 x 32 x 1.6
14 x 11⁄4 x 0.062 10
137-3866
350 x 40 x 2.0
14 x 11⁄20.075
6
137-3867
400 x 32 x 1.6
16 x 11⁄4 x 0.062 6
137-3868
400 x 40 x 2.0
16 x 11⁄4 x 0.062 10
137-3871
400 x 40 x 2.0
16 x 11⁄2 x 0.075 4
137-3872
425 x 25 x 1.25
16 x 11⁄2 x 0.075 6
137-3873
425 x 25 x 1.25
17 x 1 x 0.050
10
137-3874
425 x 32 x 1.6
17 x 1 x 0.050
14
137-3875
425 x 32 x 1.6
17 x 11⁄4 x 0.062 6
137-3876
450 x 32 x 1.6
17 x 11⁄4 x 0.062 10
137-3877
450 x 32 x 1.6
18 x 11⁄4 x 0.062 6
137-3878
450 x 40 x 2.0
18 x 11⁄4 x 0.062 10
137-3879
525 x 40 x 2.0
18 x 11⁄2 x 0.075 6
137-3880
525 x 45 x 2.25
21 x 11⁄2 x 0.075 6
137-3881
600 x 50 x 2.5
21 x 13⁄4 x 0.088 6
137-3883
600 x 50 x 2.5
24 x 13⁄4 x 0.088 6
137-3884
600 x 50 x 2.5
24 x 2 x 0.100
4
137-3885
600 x 50 x 2.5
24 x 2 x 0.100
6
137-3886
Bi-Metal
Plus 30
Cuts 30% more effectively than a conventional
blade. Benefits include a sharper first cut, faster cut
and longer blade life
HSS cutting edge, electron beam welded to a tough spring back. More
shatter-resistant than other types of blade.
Flexible Silicon Steel
Designed primarily for the occasional user. Will cut most types of softer
materials.
All Hard
Plus 30
Cuts 30% more effectively than a conventional blade. Benefits include a sharper first cut, faster
cut and longer blade life.
High speed steel. with strong rigid back to assist in accurate cutting.
493775
Hi-Cut
Hacksaw Blades


Similar Part No. - 493775

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49377 ETC2-49377 Datasheet
259Kb / 3P
Professional Quality Tweezers
More results

Similar Description - 493775

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4715TS ETC2-4715TS Datasheet
298Kb / 1P
Metal Blades Potting
5915PC ETC2-5915PC Datasheet
301Kb / 1P
Plastic Blades Potting
AA47R ETC2-AA47R Datasheet
24Kb / 1P
305mm (12") Hacksaw Blades
logo
MRV Communications, Inc...
EMPMC-9XFP MRV-EMPMC-9XFP Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36IC MRV-EMPMC-36IC Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36RJ-C MRV-EMPMC-36RJ-C Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SAS MRV-EMPMC-36SAS Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SFP MRV-EMPMC-36SFP Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SFP3RMR MRV-EMPMC-36SFP3RMR Datasheet
677Kb / 3P
Media Cross Connect Blades
logo
TOKYO SEIMITSU CO., LTD
HM ACCRETECH-HM Datasheet
420Kb / 2P
METAL BOND BLADES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com