Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61300Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP61300Q
Description  I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP61300Q Datasheet HTML 1Page - Diodes Incorporated AP61300Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
diodes.com
5.5V Automotive-Compliant DC-DC Buck Converter Portfolio
Ordering Information
Typical Application Schematic
AP61406Q
Efficiency vs. Output Current
Orderable Part
Number
Compliance
(Only Automotive
Supports PPAP)
Package
Identification
Code
Moisture
Sensitivity
Packing
Quantity
Carrier
AP61406QFCBW8-7
Automotive
W-QFN1520-8/SWP
(Type UX)
H3Q
MSL-1
3,000
7” Tape & Reel
Part
Number
VIN
Range
VOUT
Range
Output
Current
HS/LS
RDS(ON)
Adj.
PFM/
PWM
Switching
Frequency
IQ
Ambient
Temperature PG
Package
V
V
A
mΩ
MHz
µA
°C
AP61406Q
2.3 to 5.5
0.3 to 3.6
4
75 / 33
Yes
1/1.5/2/2.5
20
-40 to +125
Yes
W-QFN1520-8/SWP
(Type UX)
AP61402Q
2.4 to 5.5
0.5 to 5.5
4
75/ 33
Yes
2
20
-40 to +125
Yes
V-DFN1515-6/SWP
(Type UX)
AP61302Q
2.4 to 5.5
0.6 to VIN
3
70/ 50
Yes
2.2
19
-40 to +125
Yes
SOT563
AP61300Q
2.4 to 5.5
0.6 to VIN
3
70/ 50
Yes
2.2
19
-40 to +125
No
SOT563
AP61204Q
2.4 to 5.5
0.6 to VIN
2
70/ 50
Yes
2.4
19
-40 to +125
Yes
SOT563
AP61102Q
2.3 to 5.5
0.6 to 3.6
1
110 / 80
Yes
2.2
15
-40 to +125
Yes
SOT563
AP61100Q
2.3 to 5.5
0.6 to 3.6
1
110 / 80
Yes
2.2
15
-40 to +125
No
SOT563
AP61062Q
2.4 to 5.5
0.6 to 3.6
0.6
110 / 80
Yes
2.2
19
-40 to +125
Yes
SOT563
VIN
EN
SW
FB
L
470nH
CIN
22uF
VIN=2.3V to 5.5V
GND
COUT
2x22uF
VOUT=0.3V to 3.6V
OFF
ON
AP61406Q
PG
VIN
R3
10k
SDA
SCL
December 2025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com