Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API7720FSB-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # API7720FSB-13
Description  Dual-Channel Digital Isolators Provide Reliable and Robust Isolation Solutions for Digital Signals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API7720FSB-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  API7720FSB-13 Datasheet HTML 1Page - Diodes Incorporated API7720FSB-13 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The API772x family provides a reliable and robust isolation
solution for digital signals in critical applications.
The API772x RobustISO family consists of
high-performance, dual-channel, digital
isolators, boasting 5,000VRMS isolation
ratings per UL 1577.
Their insulation level fulfills the reinforced
isolation requirements for VDE, UL, and
CQC.
The API772x family’s data rates are up to
100Mbps, and are available in multiple
digital channel direction configurations and
default output levels. The devices have a
wide operating supply voltage of 2.5V to
5.5V.
These parts provide strong electromagnetic
immunity and benefit from low emissions at
a low-power consumption level. The family
has a minimum of 150kV/µs common-mode
transient immunity (CMTI).
The API7720 has both its channels in the
same direction, while the API7721/API7722
have a channel in each direction.
The default output is low for devices with an
F-suffix and high for devices without the F-
suffix.
The API772x is available in the wide-body
SO-8W package.
*According to Diodes’ isolation reliability calculations.
RobustISO is a trademark of Diodes Incorporated.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2026 Copyright Diodes Incorporated. All Rights
Reserved.
Dual-Channel Digital Isolators Provide Reliable and
Robust Isolation Solutions for Digital Signals
Applications
▪ Data center power supplies
▪ New energy power systems
▪ Industrial automation
January 2026
API772x
▪ Up to 100Mbps Signal Speed
Provides a digital signal isolation solution that covers various
transmission protocols
▪ High Minimum Common Mode Immunity of >150kV/µs
Offers a strong anti-interference ability enabling reliable signal
transmission
▪ Multiple Options for Channel Direction and Default Output
Supports various scenarios for digital-signal transmission
applications
▪ Safety-Related Certifications
UL 1577 (E550819) certified; DIN EN IEC 60747-17 (VDE
0884-17) and CQC GB 4943.1 in progress
▪ Over 40 Years of Predicted Isolation Barrier Lifetime*
Exceeds the standard service life of scenarios with strict
conditions


Similar Part No. - API7720FSB-13

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
API725 APITECH-API725 Datasheet
244Kb / 4P
Radiation Tolerant Voltage Controlled SAW Oscillator
More results

Similar Description - API7720FSB-13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
9/04-Data Sheet Changed from Rev. A to Rev. B
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7320 TI-ISO7320_15 Datasheet
1Mb / 26P
ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com