Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61300 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP61300
Description  Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters Increase Operating Battery Life in Portable Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP61300 Datasheet HTML 1Page - Diodes Incorporated AP61300 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
diodes.com
5.5V DC-DC Buck Converter Portfolio
Ordering Information
Typical Application Schematics
Orderable Part Number
Compliance
(Only Automotive
Supports PPAP)
Package
Package
Code
Moisture
Sensitivity
Packing
Quantity
Carrier
AP61040CP6-7
Standard
X1-WLB1208-6
CP6
MSL-1
3,000
7" Tape & Reel
AP61041CP6-7
Standard
X1-WLB1208-6
CP6
MSL-1
3,000
7" Tape & Reel
Part
Number
VIN
Range
Vout
Range
Output
Current
RDS(ON)
HS / LS
Mode
Power
Good
Switching
Frequency
IQ
Junction
Temp.
Package
V
V
A
mΩ
MHz
µA
C
AP61040 2.15 to 5.5 0.6 to 5.5
0.4
321 / 150 PFM or PWM
-
1.1
0.93 -40 to +125 X1-WLB1208-6
AP61041 2.15 to 5.5 0.6 to 5.5
0.4
321 / 150
PFM
-
1.1
1.2
-40 to +125 X1-WLB1208-6
AP61100
2.3 to 5.5 0.6 to 3.6
1
110 / 80 PFM or PWM
-
2.2
15
-40 to +125
SOT563
AP61102
2.3 to 5.5 0.6 to 3.6
1
110 / 80 PFM or PWM
Yes
2.2
15
-40 to +125
SOT563
AP61200
2.3 to 5.5 0.6 to 3.6
2
110 / 80
PFM
-
1.3
19
-40 to +125
SOT563
AP61201
2.3 to 5.5 0.6 to 3.6
2
110 / 80
PWM
-
1.3
19
-40 to +125
SOT563
AP61202
2.3 to 5.5 0.6 to 3.6
2
110 / 80
PFM
Yes
1.3
19
-40 to +125
SOT563
AP61203
2.3 to 5.5 0.6 to 3.6
2
110 / 80
PWM
Yes
1.3
19
-40 to +125
SOT563
AP61300
2.4 to 5.5 0.6 to 3.6
3
70 / 50
PFM or PWM
-
2.2
19
-40 to +125
SOT563
AP61302
2.4 to 5.5 0.6 to 3.6
3
70 / 50
PFM or PWM
Yes
2.2
19
-40 to +125
SOT563
Efficiency vs. Output Current
January 2026
AP61040
AP61041



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com