Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMB120B Datasheet(PDF) 1 Page - Microchip Technology

Part # MSC080SMB120B
Description  1200V, 80 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMB120B Datasheet(HTML) 1 Page - Microchip Technology

  MSC080SMB120B Datasheet HTML 1Page - Microchip Technology MSC080SMB120B Datasheet HTML 2Page - Microchip Technology MSC080SMB120B Datasheet HTML 3Page - Microchip Technology MSC080SMB120B Datasheet HTML 4Page - Microchip Technology MSC080SMB120B Datasheet HTML 5Page - Microchip Technology MSC080SMB120B Datasheet HTML 6Page - Microchip Technology MSC080SMB120B Datasheet HTML 7Page - Microchip Technology MSC080SMB120B Datasheet HTML 8Page - Microchip Technology MSC080SMB120B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004042A - 1
Product Overview
1200V, 80 mΩ typical at VGS = 18V, 98 mΩ typical at VGS = 15V, Silicon Carbide (SiC) N-Channel MOSFET, TO-247.
1
2
3
GATE
SOURCE
DRAIN
(TERMINAL 1)
(TERMINAL 3)
(TERMINAL 2, BACKSIDE)
Table 1. Ordering Information
Catalog Part Number (CPN)
Package
Packing Media (Qty.)
Qualification
MSC080SMB120B
TO-247
Tube (30)
Industrial
MSC080SMB120BVAO
TO-247
Tube (30)
AEC-Q101
Features
•
Low capacitances and low gate charge
•
Fast switching speed due to low internal gate resistance (ESR)
•
Stable operation at high junction temperature, TJ(max) = 175 °C
•
Fast and reliable body diode
•
Superior avalanche ruggedness (100% UIS production tested)
•
Creepage distance (Typ. > 2.55 mm)
•
RoHS compliant
Benefits
•
High efficiency to enable lighter and more compact system
•
Simple to drive and easy to parallel
•
Improved thermal capabilities and lower switching losses
•
Eliminates the need for external freewheeling diode
•
Lower system cost of ownership
Applications
•
Photovoltaic (PV) inverter, converter, and industrial motor drives
•
Smart grid transmission and distribution
•
Induction heating and welding
•
Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
•
Power supply and distribution
1200V, 80 mΩ N-Channel mSiC™ MOSFET
MSC080SMB120B


Similar Part No. - MSC080SMB120B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC080SMB120B4N MICROCHIP-MSC080SMB120B4N Datasheet
1,002Kb / 12P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC080SMB120B4NVAO MICROCHIP-MSC080SMB120B4NVAO Datasheet
1,002Kb / 12P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
More results

Similar Description - MSC080SMB120B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
logo
Nexperia B.V. All right...
BUK9K30-80E NEXPERIA-BUK9K30-80E Datasheet
273Kb / 12P
Dual N-channel 80 V, 30 mΩ logic level MOSFET
12 May 2018
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
logo
Nexperia B.V. All right...
PSMN012-80PS NEXPERIA-PSMN012-80PS Datasheet
728Kb / 13P
N-channel 80 V 11 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
PSMN5R0-80PS NEXPERIA-PSMN5R0-80PS Datasheet
731Kb / 13P
N-channel 80 V 4.7 mΩ standard level MOSFET
Rev. 02 - 23 June 2009
PSMN8R2-80YS NEXPERIA-PSMN8R2-80YS Datasheet
728Kb / 14P
N-channel LFPAK 80 V 8.5 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
PSMN018-80YS NEXPERIA-PSMN018-80YS Datasheet
830Kb / 15P
N-channel LFPAK 80 V 18 mΩ standard level MOSFET
Rev. 02 - 28 October 2010
PSMN050-80PS NEXPERIA-PSMN050-80PS Datasheet
343Kb / 15P
N-channel 80 V 46 mΩ standard level MOSFET
Rev. 2 - 28 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com